Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT2309-1DCG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT2309-1DCG
Description  3.3V ZERO DELAY CLOCK BUFFER Phase-Lock Loop Clock Distribution
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT2309-1DCG Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT2309-1DCG Datasheet HTML 1Page - Integrated Device Technology IDT2309-1DCG Datasheet HTML 2Page - Integrated Device Technology IDT2309-1DCG Datasheet HTML 3Page - Integrated Device Technology IDT2309-1DCG Datasheet HTML 4Page - Integrated Device Technology IDT2309-1DCG Datasheet HTML 5Page - Integrated Device Technology IDT2309-1DCG Datasheet HTML 6Page - Integrated Device Technology IDT2309-1DCG Datasheet HTML 7Page - Integrated Device Technology IDT2309-1DCG Datasheet HTML 8Page - Integrated Device Technology IDT2309-1DCG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2309
3.3VZERODELAYCLOCKBUFFER
PINCONFIGURATION
SOIC/ TSSOP
TOP VIEW
Symbol
Rating
Max.
Unit
VDD
SupplyVoltageRange
–0.5 to +4.6
V
VI(2)
InputVoltageRange(REF)
–0.5 to +5.5
V
VI
InputVoltageRange
–0.5to
V
(except REF)
VDD+0.5
IIK (VI < 0)
InputClampCurrent
–50
mA
IO (VO = 0 to VDD)
ContinuousOutputCurrent
±50
mA
VDD or GND
ContinuousCurrent
±100
mA
TA = 55°C
Maximum Power Dissipation
0.7
W
(instillair)(3)
TSTG
StorageTemperatureRange
–65to+150
°C
Operating
CommercialTemperature
0 to +70
°C
Temperature
Range
Operating
IndustrialTemperature
-40 to +85
°C
Temperature
Range
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. The input and output negative-voltage ratings may be exceeded if the input and output
clamp-current ratings are observed.
3. The maximum package power dissipation is calculated using a junction temperature
of 150°C and a board trace length of 750 mils.
NOTES:
1. Weak pull down on all outputs.
2. Weak pull ups on these inputs.
PINDESCRIPTION
ABSOLUTEMAXIMUMRATINGS(1)
Pin Name
Pin Number
Type
Functional Description
REF
1
IN
Input reference clock, 5 Volt tolerant input
CLKA1(1)
2
Out
Output clock for bank A
CLKA2(1)
3
Out
Output clock for bank A
VDD
4, 13
PWR
3.3V Supply
GND
5, 12
GND
Ground
CLKB1(1)
6
Out
Output clock for bank B
CLKB2(1)
7
Out
Output clock for bank B
S2(2)
8
IN
Select input Bit 2
S1(2)
9
IN
Select input Bit 1
CLKB3(1)
10
Out
Output clock for bank B
CLKB4(1)
11
Out
Output clock for bank B
CLKA3(1)
14
Out
Output clock for bank A
CLKA4(1)
15
Out
Output clock for bank A
CLKOUT(1)
16
Out
Output clock, internal feedback on this pin
APPLICATIONS:
SDRAM
Telecom
Datacom
PC Motherboards/Workstations
Critical Path Delay Designs
REF
CLKA1
S2
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
CLKA2
GND
CLKB1
CLKOUT
CLKA4
GND
S1
VDD
VDD
CLKB2
CLKB3
CLKB4
CLKA3


Similar Part No. - IDT2309-1DCG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309-1DC IDT-IDT2309-1DC Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309-1DCI IDT-IDT2309-1DCI Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
More results

Similar Description - IDT2309-1DCG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CSP2510C RENESAS-CSP2510C Datasheet
262Kb / 10P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
NOVEMBER 2008
logo
Integrated Device Techn...
CSP2510D IDT-CSP2510D Datasheet
72Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDTCSP2510D IDT-IDTCSP2510D Datasheet
65Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
logo
Renesas Technology Corp
CSP2510D RENESAS-CSP2510D Datasheet
251Kb / 10P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
OCTOBER 2001
logo
Integrated Device Techn...
IDTCSP2510C IDT-IDTCSP2510C Datasheet
63Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDT5V9352 IDT-IDT5V9352 Datasheet
81Kb / 10P
   3.3V/2.5V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDT5V2528 IDT-IDT5V2528 Datasheet
61Kb / 7P
   2.5V / 3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
logo
Integrated Circuit Syst...
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
logo
Renesas Technology Corp
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
   DDR Phase Lock Loop Zero Delay Clock Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com