Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT2305 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT2305
Description  3.3V ZERO DELAY CLOCK BUFFER No external RC network required
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT2305 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT2305_09 Datasheet HTML 1Page - Integrated Device Technology IDT2305_09 Datasheet HTML 2Page - Integrated Device Technology IDT2305_09 Datasheet HTML 3Page - Integrated Device Technology IDT2305_09 Datasheet HTML 4Page - Integrated Device Technology IDT2305_09 Datasheet HTML 5Page - Integrated Device Technology IDT2305_09 Datasheet HTML 6Page - Integrated Device Technology IDT2305_09 Datasheet HTML 7Page - Integrated Device Technology IDT2305_09 Datasheet HTML 8Page - Integrated Device Technology IDT2305_09 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2305
3.3VZERODELAYCLOCKBUFFER
AUGUST 2009
2009
Integrated Device Technology, Inc.
DSC 5174/8
c
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• Phase-Lock Loop Clock Distribution
• 10MHz to 133MHz operating frequency
• Distributes one clock input to one bank of five outputs
• Zero Input-Output Delay
• Output Skew < 250ps
• Low jitter <200 ps cycle-to-cycle
• IDT2305-1 for Standard Drive
• IDT2305-1H for High Drive
• No external RC network required
• Operates at 3.3V VDD
• Power down mode
• Available in SOIC/TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
IDT2305
3.3V ZERO DELAY
CLOCK BUFFER
PLL
8
CLK1
CLK2
CLK3
CLK4
Control
Logic
REF
CLKOUT
1
3
2
5
7
DESCRIPTION:
The IDT2305 is a high-speed phase-lock loop (PLL) clock buffer,
designed to address high-speed clock distribution applications. The zero
delay is achieved by aligning the phase between the incoming clock and
the output clock, operable within the range of 10 to 133MHz.
The IDT2305 is an 8-pin version of the IDT2309. IDT2305 accepts one
reference input, and drives out five low skew clocks. The -1H version of this
device operates, up to 133MHz frequency and has a higher drive than the
-1 device. All parts have on-chip PLLs which lock to an input clock on the
REF pin. The PLL feedback is on-chip and is obtained from the CLKOUT
pad. In the absence of an input clock, the IDT2305 enters power down. In
this mode, the device will draw less than 25µA, the outputs are tri-stated,
and the PLL is not running, resulting in a significant reduction of power.
The IDT2305 is characterized for both Industrial and Commercial
operation.
NOTE: EOL for non-green parts to occur on
5/13/10 per PDN U-09-01


Similar Part No. - IDT2305_09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2305 IDT-IDT2305_07 Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
More results

Similar Description - IDT2305_09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305 Datasheet
132Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
2305B-1DCGI8 IDT-2305B-1DCGI8 Datasheet
155Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
2305-1HDCGI8 IDT-2305-1HDCGI8 Datasheet
145Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B_09 Datasheet
160Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305A IDT-IDT2305A Datasheet
53Kb / 7P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305_07 Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com