Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA40-800B Datasheet(PDF) 7 Page - STMicroelectronics

Part # BTA40-800B
Description  40 A standard TRIACs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA40-800B Datasheet(HTML) 7 Page - STMicroelectronics

  BTA40-800B Datasheet HTML 1Page - STMicroelectronics BTA40-800B Datasheet HTML 2Page - STMicroelectronics BTA40-800B Datasheet HTML 3Page - STMicroelectronics BTA40-800B Datasheet HTML 4Page - STMicroelectronics BTA40-800B Datasheet HTML 5Page - STMicroelectronics BTA40-800B Datasheet HTML 6Page - STMicroelectronics BTA40-800B Datasheet HTML 7Page - STMicroelectronics BTA40-800B Datasheet HTML 8Page - STMicroelectronics BTA40-800B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BTA40, BTA41, BTB41
Package information
Doc ID 7469 Rev 8
7/9
Table 7.
RD91 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
-
40.00
-
1.575
A1
29.90
30.30
1.177
1.193
A2
-
22.00
-
0.867
B
-
27.00
-
1.063
B1
13.50
16.50
0.531
0.650
B2
-
24.00
-
0.945
C
-
14.00
-
0.551
C1
-
3.50
-
0.138
C2
1.95
3.00
0.077
0.118
E3
0.70
0.90
0.027
0.035
F
4.00
4.50
0.157
0.177
I
11.20
13.60
0.441
0.535
L1
3.10
3.50
0.122
0.138
L2
1.70
1.90
0.067
0.075
N1
33°
43°
33°
43°
N2
28°
38°
28°
38°
A
E3
N2
N1
B
F
I
A1
B1
L1
A2
L2
B2
C
C2
C1


Similar Part No. - BTA40-800B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
85Kb / 7P
   40A TRIACs
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
108Kb / 9P
   40 A standard TRIACs
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
95Kb / 7P
   40A TRIACS
logo
Kersemi Electronic Co.,...
BTA40-800B KERSEMI-BTA40-800B Datasheet
1Mb / 6P
   40A TRIACS
logo
Inchange Semiconductor ...
BTA40-800B ISC-BTA40-800B Datasheet
216Kb / 2P
   isc Triacs
More results

Similar Description - BTA40-800B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
New Jersey Semi-Conduct...
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
   40-A Silicon Triacs
2N5441 NJSEMI-2N5441 Datasheet
99Kb / 2P
   40-A Silicon Triacs
logo
List of Unclassifed Man...
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
   40-A Silicon Triacs
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
Z01 STMICROELECTRONICS-Z01_V01 Datasheet
296Kb / 16P
   Standard 1 A Triacs
Rev. 11 May 2019
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
TPDVXX40 STMICROELECTRONICS-TPDVXX40 Datasheet
199Kb / 8P
   40 A high voltage Triacs
June 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com