Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1881 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM1881
Description  AC Coupled Composite input Signal
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1881 Datasheet(HTML) 1 Page - Texas Instruments

  LM1881 Datasheet HTML 1Page - Texas Instruments LM1881 Datasheet HTML 2Page - Texas Instruments LM1881 Datasheet HTML 3Page - Texas Instruments LM1881 Datasheet HTML 4Page - Texas Instruments LM1881 Datasheet HTML 5Page - Texas Instruments LM1881 Datasheet HTML 6Page - Texas Instruments LM1881 Datasheet HTML 7Page - Texas Instruments LM1881 Datasheet HTML 8Page - Texas Instruments LM1881 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM1881
www.ti.com
SNLS384F – FEBRUARY 1995 – REVISED MARCH 2013
LM1881 Video Sync Separator
Check for Samples: LM1881
1
FEATURES
DESCRIPTION
The LM1881 Video sync separator extracts timing
2
AC Coupled Composite Input Signal
information including composite and vertical sync,
>10 k
Ω Input Resistance
burst/back
porch
timing,
and
odd/even
field
<10 mA Power Supply Drain Current
information from standard negative going sync NTSC,
PAL (1) and SECAM video signals with amplitude from
Composite Sync and Vertical Outputs
0.5V to 2V p-p. The integrated circuit is also capable
Odd/Even Field Output
of providing sync separation for non-standard, faster
Burst Gate/Back Porch Output
horizontal rate video signals. The vertical output is
produced on the rising edge of the first serration in
Horizontal Scan Rates to 150 kHz
the vertical sync period. A default vertical output is
Edge Triggered Vertical Output
produced after a time delay if the rising edge
Default Triggered Vertical Output for Non-
mentioned above does not occur within the externally
standard Video Signal (Video Games-Home
set delay period, such as might be the case for a
Computers)
non-standard video signal.
(1)
PAL in this datasheet refers to European broadcast TV
standard “Phase Alternating Line”, and not to Programmable
Array Logic.
Connection Diagram
Figure 1. LM1881N
See Package Number D0008A or P0008E
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM1881

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
LM1881 NSC-LM1881 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881-X NSC-LM1881-X Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
LM1881M NSC-LM1881M Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Texas Instruments
LM1881M TI1-LM1881M Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
More results

Similar Description - LM1881

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFH620-1 ETC1-SFH620-1 Datasheet
57Kb / 3P
   AC INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
SFH620A-1 ISOCOM-SFH620A-1 Datasheet
437Kb / 3P
   AC INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
IS354 ETC1-IS354 Datasheet
790Kb / 6P
   HIGH DENSITY MOUNTING AC INPUT, PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
IS126 ETC-IS126 Datasheet
786Kb / 6P
   HIGH DENSITY MOUNTING AC INPUT, PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
PCI01 ETC-PCI01 Datasheet
291Kb / 34P
   Periphelar Coupled Input NPN
logo
STMicroelectronics
STHDLS101 STMICROELECTRONICS-STHDLS101 Datasheet
491Kb / 25P
   AC coupled HDMI level shifter
logo
Silicon Laboratories
SI5013-EVB SILABS-SI5013-EVB Datasheet
1Mb / 11P
   Differential I/Os ac coupled
logo
ISOCOM COMPONENTS
IS604X ISOCOM-IS604X Datasheet
47Kb / 3P
   A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
H11AA1 ISOCOM-H11AA1 Datasheet
368Kb / 3P
   A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
CNY35X ETC-CNY35X Datasheet
44Kb / 3P
   A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com