Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G32Z-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74LVC1G32Z-7
Description  SINGLE 2 INPUT POSITIVE OR GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G32Z-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  74LVC1G32Z-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G32Z-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G32Z-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G32Z-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G32Z-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G32Z-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G32Z-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G32Z-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G32Z-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
74LVC1G32
SINGLE 2 INPUT POSITIVE OR GATE
74LVC1G32
Document number: DS32200 Rev. 6 - 2
5 of 12
www.diodes.com
February 2012
© Diodes Incorporated
Package Characteristics (All typical values are at Vcc = 3.3V, TA = 25°C)
Symbol
Parameter
Test Conditions
VCC
Min
Typ.
Max
Unit
θJA
Thermal Resistance
Junction-to-Ambient
SOT25
(Note 4)
204
oC/W
SOT353
371
SOT553
231
X2-DFN1010-6
445
X2-DFN1410-6
460
θJC
Thermal Resistance
Junction-to-Case
SOT25
(Note 4)
52
oC/W
SOT353
143
SOT553
105
X2-DFN1010-6
250
X2-DFN1410-6
265
Notes:
4. Test condition for SOT25, SOT353, SOT553, X2-DFN1410-6 and X2-DFN1010-6: Device mounted on FR-4 substrate PC board, 2oz copper, with
minimum recommended pad layout.
Switching Characteristics
Figure 1 Typical Values at TA = 25 ºC and nominal voltages 1.8V, 2.5V, 2.7V, 3.3V, and 5.0V.
Parameter
From
Input
To
Output
VCC
TA = -40ºC to 85ºC
TA = -40ºC to 125ºC
Unit
Min
Typ.
Max
Min
Max
tpd
A or B
Y
1.8V ± 0.15V
1.0
3.1
8.0
1.0
10.5
ns
2.5V ± 0.2V
0.5
2.1
5.5
0.5
7.0
2.7V
0.5
2.5
5.5
0.5
7.0
3.3V ± 0.3V
0.5
2.1
4.5
0.5
6.0
5.0V ± 0.5V
0.5
1.7
4.0
0.5
5.5
Operating Characteristics
TA = 25 ºC
Parameter
Test
Conditions
VCC = 1.8V
VCC = 2.5V
VCC = 3.3V
VCC = 5V
Unit
Typ.
Typ.
Typ.
Typ.
Cpd
Power dissipation
capacitance
f = 10 MHz
20
20
21
22
pF


Similar Part No. - 74LVC1G32Z-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G32Z-7 DIODES-74LVC1G32Z-7 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
74LVC1G32Z-7 DIODES-74LVC1G32Z-7 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
More results

Similar Description - 74LVC1G32Z-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_08 Datasheet
738Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32-EP TI1-SN74LVC1G32-EP Datasheet
502Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com