Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM74CIMX-3 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM74CIMX-3
Description  LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM74CIMX-3 Datasheet(HTML) 5 Page - Texas Instruments

  LM74CIMX-3 Datasheet HTML 1Page - Texas Instruments LM74CIMX-3 Datasheet HTML 2Page - Texas Instruments LM74CIMX-3 Datasheet HTML 3Page - Texas Instruments LM74CIMX-3 Datasheet HTML 4Page - Texas Instruments LM74CIMX-3 Datasheet HTML 5Page - Texas Instruments LM74CIMX-3 Datasheet HTML 6Page - Texas Instruments LM74CIMX-3 Datasheet HTML 7Page - Texas Instruments LM74CIMX-3 Datasheet HTML 8Page - Texas Instruments LM74CIMX-3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LM74
www.ti.com
SNIS107K – MAY 2000 – REVISED MARCH 2013
Logic Electrical Characteristics
DIGITAL DC CHARACTERISTICS
Unless otherwise noted, these specifications apply for V
+ = 2.65V to 3.6V for the LM74CIBP -3, LM74CITP-3, V+ = 3.0V to
3.6V for the LM74CIM -3 and V
+ = 4.5V to 5.5V for the LM74 -5(1). Boldface limits apply for T
A = TJ = TMIN to TMAX; all other
limits TA = TJ=+25°C, unless otherwise noted.
Typical(2)
Limits(3)
Units
Symbol
Parameter
Conditions
(Limit)
VIN(1)
Logical “1” Input Voltage
V+ × 0.7
V (min)
V+ + 0.3
V (max)
VIN(0)
Logical “0” Input Voltage
−0.3
V (min)
V+ × 0.3
V (max)
Input Hysteresis Voltage
V+ = 3.0V to 3.6V
0.8
0.35
V (min)
V+ = 4.5V to 5.5V
0.8
0.33
V (min)
IIN(1)
Logical “1” Input Current
VIN = V
+
0.005
3.0
μA (max)
IIN(0)
Logical “0” Input Current
VIN = 0V
−0.005
−3.0
μA (min)
CIN
All Digital Inputs
20
pF
VOH
High Level Output Voltage
IOH = −400 μA
2.4
V (min)
VOL
Low Level Output Voltage
IOL = +2 mA
0.4
V (max)
IO_TRI-STATE
TRI-STATE Output Leakage Current
VO = GND
−1
μA (min)
VO = V
+
+1
μA
(max)
(1)
All SOP (LM74CIM) parts will function over the V+ supply voltage range of 3V to 5.5V. All DSBGA (LM74SIBP and LM75CITP) parts will
function over the V+ supply voltage range of 2.65V to 5.5V. The SOP (LM74CIM) parts are tested and specified for rated temperature
error at their nominal supply voltage for temperature ranges of
−10°C to +65°C, −55°C to +125°C and −55°C to +150°C. For the SOP
(LM74CIM) parts, the temperature error specifications for temperature ranges of
−40°C to +85°C, −25°C to +110°C, and −40°C to
+110°C include error induced by power supply variation of ±5% from the nominal value. For the LM74CIM (SOP) parts, the temperature
error will increase by ±0.3°C for a power supply voltage (V+) variation of ±10% from the nominal value.For the LM74CIBP-3 and
LM74CITP-3 (DSBGA) parts all accuracies are ensured over the supply range of 2.65V to 3.6V, except for the temperature ranges of -
55°C to 125°C and
−55°C to +150°C where the accuracy applies for the nominal supply voltage of 3.3V. For the LM74CIBP-5 and
LM74CITP-5 (DSBGA) parts all accuracies are guranteed over the supply range of 4.75V to 5.25V, except for the temperature ranges of
-55°C to 125°C and
−55°C to +150°C where the accuracy applies for the nominal supply voltage of 5.0V. For the LM74CIBP and
LM74CITP over -55°C to 125°C and
−55°C to +150°C, a power supply variation of ±10% will degrade the accuracy by ±0.3°C.
(2)
Typicals are at TA = 25°C and represent most likely parametric norm.
(3)
Limits are specified to AOQL (Average Outgoing Quality Level).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM74


Similar Part No. - LM74CIMX-3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM74CIMX-3 NSC-LM74CIMX-3 Datasheet
293Kb / 15P
   SPI/MICROWIRE??Digital Temperature Sensor
LM74CIMX-3 NSC-LM74CIMX-3 Datasheet
707Kb / 15P
   SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
More results

Similar Description - LM74CIMX-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM74 TI-LM74_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM74A NSC-LM74A Datasheet
605Kb / 12P
   SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
logo
Texas Instruments
LM74A TI-LM74A_15 Datasheet
395Kb / 15P
[Old version datasheet]   LM74A SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
LM71 TI-LM71_15 Datasheet
1Mb / 21P
[Old version datasheet]    SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM71 NSC-LM71 Datasheet
249Kb / 13P
   SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
   SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
[Old version datasheet]   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
logo
Texas Instruments
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com