Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1875T Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM1875T
Description  LM1875 20W Audio Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1875T Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM1875T Datasheet HTML 7Page - Texas Instruments LM1875T Datasheet HTML 8Page - Texas Instruments LM1875T Datasheet HTML 9Page - Texas Instruments LM1875T Datasheet HTML 10Page - Texas Instruments LM1875T Datasheet HTML 11Page - Texas Instruments LM1875T Datasheet HTML 12Page - Texas Instruments LM1875T Datasheet HTML 13Page - Texas Instruments LM1875T Datasheet HTML 14Page - Texas Instruments LM1875T Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
LM1875T
ACTIVE
TO-220
NDH
5
45
TBD
Call TI
Call TI
0 to 70
LM1875T
LM1875T/LB02
ACTIVE
TO-220
NEB
5
45
TBD
Call TI
Call TI
LM1875T
LM1875T/LB03
ACTIVE
TO-220
NDH
5
45
TBD
Call TI
Call TI
LM1875T
LM1875T/LB05
ACTIVE
TO-220
NEB
5
45
TBD
Call TI
Call TI
LM1875T
LM1875T/LF02
ACTIVE
TO-220
NEB
5
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
LM1875T
LM1875T/LF03
ACTIVE
TO-220
NDH
5
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
LM1875T
LM1875T/LF05
ACTIVE
TO-220
NEB
5
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
LM1875T
LM1875T/NOPB
ACTIVE
TO-220
NDH
5
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
0 to 70
LM1875T
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Multiple Top-Side Markings will be inside parentheses. Only one Top-Side Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a
continuation of the previous line and the two combined represent the entire Top-Side Marking for that device.


Similar Part No. - LM1875T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1875T NSC-LM1875T Datasheet
481Kb / 11P
   20W Audio Power Amplifier
logo
Texas Instruments
LM1875T TI-LM1875T Datasheet
3Mb / 17P
[Old version datasheet]   20W Audio Power Amplifier
MAY 2004
LM1875T/LB02 TI-LM1875T/LB02 Datasheet
3Mb / 17P
[Old version datasheet]   20W Audio Power Amplifier
MAY 2004
LM1875T/LB03 TI-LM1875T/LB03 Datasheet
3Mb / 17P
[Old version datasheet]   20W Audio Power Amplifier
MAY 2004
LM1875T/LB05 TI-LM1875T/LB05 Datasheet
3Mb / 17P
[Old version datasheet]   20W Audio Power Amplifier
MAY 2004
More results

Similar Description - LM1875T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM1875 UTC-LM1875 Datasheet
150Kb / 6P
   20W AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM1875 NSC-LM1875 Datasheet
481Kb / 11P
   20W Audio Power Amplifier
logo
Unisonic Technologies
LM1875 UTC-LM1875_15 Datasheet
154Kb / 7P
   20W AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM1875 TI-LM1875 Datasheet
3Mb / 17P
[Old version datasheet]   20W Audio Power Amplifier
MAY 2004
logo
Unisonic Technologies
LM1875 UTC-LM1875_05 Datasheet
149Kb / 7P
   20W AUDIO POWER AMPLIFIER
logo
Hitachi Semiconductor
HA1397 HITACHI-HA1397 Datasheet
570Kb / 7P
   20W AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE7143 NTE-NTE7143 Datasheet
29Kb / 2P
   Integrated Circuit Audio Power Amplifier, 20W
logo
STMicroelectronics
TDA2040 STMICROELECTRONICS-TDA2040 Datasheet
391Kb / 13P
   20W Hi-Fi AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE1724 NTE-NTE1724 Datasheet
33Kb / 2P
   Integrated Circuit Audio Power Amplifier, 20W
NTE7040 NTE-NTE7040 Datasheet
28Kb / 3P
   Integrated Circuit Audio Power Amplifier, 20W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com