Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1086CS-ADJ Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM1086CS-ADJ
Description  LM1086IT-5.0-NOPB
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1086CS-ADJ Datasheet(HTML) 4 Page - Texas Instruments

  LM1086CS-ADJ Datasheet HTML 1Page - Texas Instruments LM1086CS-ADJ Datasheet HTML 2Page - Texas Instruments LM1086CS-ADJ Datasheet HTML 3Page - Texas Instruments LM1086CS-ADJ Datasheet HTML 4Page - Texas Instruments LM1086CS-ADJ Datasheet HTML 5Page - Texas Instruments LM1086CS-ADJ Datasheet HTML 6Page - Texas Instruments LM1086CS-ADJ Datasheet HTML 7Page - Texas Instruments LM1086CS-ADJ Datasheet HTML 8Page - Texas Instruments LM1086CS-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM1086
SNVS039H – JUNE 2000 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
Typicals and limits appearing in normal type apply for TJ = 25°C. Limits appearing in Boldface type apply over the entire
junction temperature range for operation.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
VREF
Reference Voltage
LM1086-ADJ
IOUT = 10mA, VIN−VOUT = 3V
1.238
1.250
1.262
V
10mA
≤IOUT ≤ IFULL LOAD,
1.225
1.250
1.270
V
1.5V
≤ VIN−VOUT ≤ 15V
(3)
VOUT
Output Voltage
LM1086-1.8
1.782
1.8
1.818
(3)
IOUT = 0mA, VIN = 5V
V
1.764
1.8
1.836
0
≤ IOUT ≤ IFULL LOAD, 3.3V ≤ VIN ≤ 18V
LM1086-2.5
2.475
2.50
2.525
IOUT = 0mA, VIN = 5V
V
2.450
2.50
2.55
0
≤ IOUT ≤ IFULL LOAD, 4.0V ≤ VIN ≤ 18V
LM1086-2.85
2.82
2.85
2.88
V
IOUT = 0mA, VIN = 5V
2.79
2.85
2.91
V
0
≤ IOUT ≤ IFULL LOAD, 4.35V ≤ VIN ≤ 18V
LM1086-3.3
3.267
3.300
3.333
V
IOUT = 0mA, VIN = 5V
3.235
3.300
3.365
V
0
≤ IOUT ≤ IFULL LOAD, 4.75V ≤ VIN ≤ 18V
LM1086-3.45
3.415
3.45
3.484
V
IOUT = 0mA, VIN = 5V
3.381
3.45
3.519
V
0
≤ IOUT ≤ IFULL LOAD, 4.95V ≤ VIN ≤ 18V
LM1086-5.0
4.950
5.000
5.050
V
IOUT = 0mA, VIN = 8V
4.900
5.000
5.100
V
0
≤ IOUT ≤ IFULL LOAD, 6.5V ≤ VIN ≤ 20V
ΔVOUT
Line Regulation
LM1086-ADJ
0.015
0.2
%
(4)
IOUT =10mA, 1.5V≤ (VIN-VOUT) ≤ 15V
0.035
0.2
%
LM1086-1.8
0.3
6
IOUT = 0mA, 3.3V ≤ VIN ≤ 18V
0.6
6
mV
LM1086-2.5
0.3
6
IOUT = 0mA, 4.0V ≤ VIN ≤ 18V
0.6
6
mV
LM1086-2.85
0.3
6
mV
IOUT = 0mA, 4.35V ≤ VIN ≤ 18V
0.6
6
mV
LM1086-3.3
0.5
10
mV
IOUT = 0mA, 4.5V ≤ VIN ≤ 18V
1.0
10
mV
LM1086-3.45
0.5
10
mV
IOUT = 0mA, 4.95V ≤ VIN ≤ 18V
1.0
10
mV
LM1086-5.0
0.5
10
mV
IOUT = 0mA, 6.5V ≤ VIN ≤ 20V
1.0
10
mV
ΔVOUT
Load Regulation
LM1086-ADJ
0.1
0.3
%
(4)
(VIN-V OUT ) = 3V, 10mA ≤ IOUT ≤ IFULL LOAD
0.2
0.4
%
LM1086-1.8 ,2.5, 2.85
3
12
mV
VIN = 5V, 0 ≤ IOUT ≤ IFULL LOAD
6
20
mV
LM1086-3.3, 3.45
3
15
mV
VIN = 5V, 0 ≤ IOUT ≤ IFULL LOAD
7
25
mV
LM1086-5.0
5
20
mV
VIN = 8V, 0 ≤ IOUT ≤ IFULL LOAD
10
35
mV
Dropout Voltage
LM1086-ADJ, 1.8, 2.5,2.85, 3.3, 3.45, 5
1.3
1.5
V
(5)
ΔVREF, ΔVOUT = 1%, IOUT = 1.5A
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical Values represent the most likely parametric norm.
(3)
IFULL LOAD is defined in the current limit curves. The IFULL LOAD Curve defines current limit as a function of input-to-output voltage. Note
that 15W power dissipation for the LM1086 is only achievable over a limited range of input-to-output voltage.
(4)
Load and line regulation are measured at constant junction temperature, and are specified up to the maximum power dissipation of
15W. Power dissipation is determined by the input/output differential and the output current. Ensured maximum power dissipation will
not be available over the full input/output range.
(5)
Dropout voltage is specified over the full output current range of the device.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM1086


Similar Part No. - LM1086CS-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1086CS-ADJ NSC-LM1086CS-ADJ Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1086CS-ADJ TI1-LM1086CS-ADJ Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086CS-ADJ TI1-LM1086CS-ADJ Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086CS-ADJ TI1-LM1086CS-ADJ Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
LM1086CS-ADJ/NOPB TI1-LM1086CS-ADJ/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
More results

Similar Description - LM1086CS-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM136-5.0 TI-LM136-5.0_15 Datasheet
432Kb / 14P
[Old version datasheet]   LM136-5.0, LM236-5.0, LM336-5.0 5.0V Reference Diode
logo
TAI-SAW TECHNOLOGY CO.,...
TN0068A TAI-SAW-TN0068A Datasheet
336Kb / 7P
   Thru 40MHz~1040MHz SMD 5.0 x 5.0 mm
logo
SunLED Corporation
XZM2CRKDGKCBD107S-IC SUNLED-XZM2CRKDGKCBD107S-IC Datasheet
364Kb / 6P
   5.0 x 5.0 mm Surface Mount LED Lamp
logo
Panasonic Semiconductor
LN21RTH PANASONIC-LN21RTH Datasheet
30Kb / 1P
   5.0 mm Series
logo
Vectron International, ...
VCC1FIBR VECTRON-VCC1FIBR Datasheet
93Kb / 1P
   5.0 Vcd Option
logo
Panasonic Semiconductor
LNG892CF8 PANASONIC-LNG892CF8 Datasheet
29Kb / 1P
   5.0 mm InGaAIP
logo
Vishay Siliconix
30CTT100 VISHAY-30CTT100_15 Datasheet
82Kb / 7P
   Schottky Generation 5.0
Revision: 19-Feb-08
logo
Golledge Electronics Lt...
GVXO-525 GOLLEDGE-GVXO-525 Datasheet
92Kb / 2P
   5.0 SM VCXO
logo
HK TO-GRACE TECHNOLOGY ...
KAAF-5050RGBS-13 TO-GRACE-KAAF-5050RGBS-13 Datasheet
1Mb / 5P
   5.0 mm x 5.0 mm Surface Mount LED Lamp
logo
Panasonic Semiconductor
LN21RCPH PANASONIC-LN21RCPH Datasheet
316Kb / 3P
   phi 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com