Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3914N-1 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3914N-1
Description  LM3914 Dot/Bar Display Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3914N-1 Datasheet(HTML) 5 Page - Texas Instruments

  LM3914N-1 Datasheet HTML 1Page - Texas Instruments LM3914N-1 Datasheet HTML 2Page - Texas Instruments LM3914N-1 Datasheet HTML 3Page - Texas Instruments LM3914N-1 Datasheet HTML 4Page - Texas Instruments LM3914N-1 Datasheet HTML 5Page - Texas Instruments LM3914N-1 Datasheet HTML 6Page - Texas Instruments LM3914N-1 Datasheet HTML 7Page - Texas Instruments LM3914N-1 Datasheet HTML 8Page - Texas Instruments LM3914N-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LM3914
www.ti.com
SNVS761B – JANUARY 2000 – REVISED MARCH 2013
DEFINITION OF TERMS
Accuracy: The difference between the observed threshold voltage and the ideal threshold voltage for each
comparator. Specified and tested with 10V across the internal voltage divider so that resistor ratio
matching error predominates over comparator offset voltage.
Adjust Pin Current: Current flowing out of the reference adjust pin when the reference amplifier is in the linear
region.
Comparator Gain: The ratio of the change in output current (ILED) to the change in input voltage (VIN) required
to produce it for a comparator in the linear region.
Dropout Voltage: The voltage measured at the current source outputs required to make the output current fall
by 10%.
Input Bias Current: Current flowing out of the signal input when the input buffer is in the linear region.
LED Current Regulation: The change in output current over the specified range of LED supply voltage (VLED)
as measured at the current source outputs. As the forward voltage of an LED does not change
significantly with a small change in forward current, this is equivalent to changing the voltage at the LED
anodes by the same amount.
Line Regulation: The average change in reference output voltage over the specified range of supply voltage
(V+).
Load Regulation: The change in reference output voltage (VREF) over the specified range of load current
(IL(REF)).
Offset Voltage: The differential input voltage which must be applied to each comparator to bias the output in
the linear region. Most significant error when the voltage across the internal voltage divider is small.
Specified and tested with pin 6 voltage (VRHI) equal to pin 4 voltage (VRLO).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3914


Similar Part No. - LM3914N-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3914N-1 NSC-LM3914N-1 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
More results

Similar Description - LM3914N-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3915 NSC-LM3915 Datasheet
1Mb / 25P
   Dot/Bar Display Driver
LM3916 NSC-LM3916 Datasheet
509Kb / 27P
   Dot/Bar Display Driver
LM3914 NSC-LM3914 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
LM3914 NSC-LM3914_03 Datasheet
809Kb / 22P
   Dot/Bar Display Driver
logo
Texas Instruments
LM3915N-1 TI-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
LM3916 TI1-LM3916 Datasheet
1Mb / 32P
[Old version datasheet]   LM3916 Dot/Bar Display Driver
LM3915N-1 TI1-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
logo
NTE Electronics
NTE1549 NTE-NTE1549 Datasheet
29Kb / 4P
   Integrated Circuit Dot/Bar Display Driver
NTE1508 NTE-NTE1508 Datasheet
31Kb / 3P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Linear Scale
NTE1509 NTE-NTE1509 Datasheet
30Kb / 4P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Logarithmic Scale
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com