Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2937ESX-8.0 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2937ESX-8.0
Description  LM2937 500 mA Low Dropout Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2937ESX-8.0 Datasheet(HTML) 1 Page - Texas Instruments

  LM2937ESX-8.0 Datasheet HTML 1Page - Texas Instruments LM2937ESX-8.0 Datasheet HTML 2Page - Texas Instruments LM2937ESX-8.0 Datasheet HTML 3Page - Texas Instruments LM2937ESX-8.0 Datasheet HTML 4Page - Texas Instruments LM2937ESX-8.0 Datasheet HTML 5Page - Texas Instruments LM2937ESX-8.0 Datasheet HTML 6Page - Texas Instruments LM2937ESX-8.0 Datasheet HTML 7Page - Texas Instruments LM2937ESX-8.0 Datasheet HTML 8Page - Texas Instruments LM2937ESX-8.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM2937
www.ti.com
SNVS100E – MARCH 2000 – REVISED APRIL 2013
LM2937 500 mA Low Dropout Regulator
Check for Samples: LM2937
1
FEATURES
DESCRIPTION
The LM2937 is a positive voltage regulator capable of
2
Fully Specified for Operation Over
−40°C to
supplying up to 500 mA of load current. The use of a
+125°C
PNP power transistor provides a low dropout voltage
Output Current in Excess of 500 mA
characteristic. With a load current of 500 mA the
Output Trimmed for 5% Tolerance Under all
minimum input to output voltage differential required
for the output to remain in regulation is typically 0.5V
Operating Conditions
(1V
ensured
maximum
over
the
full
operating
Typical Dropout Voltage of 0.5V at Full Rated
temperature
range).
Special
circuitry
has
been
Load Current
incorporated to minimize the quiescent current to
Wide Output Capacitor ESR Range, up to 3
Ω
typically only 10 mA with a full 500 mA load current
when the input to output voltage differential is greater
Internal Short Circuit and Thermal Overload
than 3V.
Protection
Reverse Battery Protection
The LM2937 requires an output bypass capacitor for
stability. As with most low dropout regulators, the
60V Input Transient Protection
ESR of this capacitor remains a critical design
Mirror Image Insertion Protection
parameter,
but
the
LM2937
includes
special
compensation
circuitry
that
relaxes
ESR
requirements. The LM2937 is stable for all ESR
below 3
Ω. This allows the use of low ESR chip
capacitors.
Ideally suited for automotive applications, the LM2937
will protect itself and any load circuitry from reverse
battery connections, two-battery jumps and up to
+60V/
−50V load dump transients. Familiar regulator
features such as short circuit and thermal shutdown
protection are also built in.
Connection Diagrams
Front View
Front View
Figure 1. TO-220 Plastic Package
Figure 2. SOT-223 Plastic Package
See Package Number NDE0003B
See Package Number DCY0004A
Top View
Side View
Figure 3. DDPAK/TO-263 Surface-Mount Package
Figure 4. DDPAK/TO-263 Surface-Mount Package
See Package Number KTT0003B
See Package Number KTT0003B
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2937ESX-8.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2937ESX-8.0/NOPB TI-LM2937ESX-8.0/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
More results

Similar Description - LM2937ESX-8.0

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937 TI-LM2937_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
Toshiba Semiconductor
TA58M05F TOSHIBA-TA58M05F Datasheet
220Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
   500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
Analog Devices
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com