Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA627BPG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA627BPG4
Description  Precision High-Speed DifetOPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA627BPG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA627BPG4 Datasheet HTML 7Page - Texas Instruments OPA627BPG4 Datasheet HTML 8Page - Texas Instruments OPA627BPG4 Datasheet HTML 9Page - Texas Instruments OPA627BPG4 Datasheet HTML 10Page - Texas Instruments OPA627BPG4 Datasheet HTML 11Page - Texas Instruments OPA627BPG4 Datasheet HTML 12Page - Texas Instruments OPA627BPG4 Datasheet HTML 13Page - Texas Instruments OPA627BPG4 Datasheet HTML 14Page - Texas Instruments OPA627BPG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
®
OPA627, 637
INPUT PROTECTION
The inputs of the OPA627/637 are protected for voltages
between +V
S + 2V and –VS – 2V. If the input voltage can
exceed these limits, the amplifier should be protected. The
diode clamps shown in Figure 7a will prevent the input
voltage from exceeding one forward diode voltage drop
beyond the power supplies—well within the safe limits. If
the input source can deliver current in excess of the maxi-
mum forward current of the protection diodes, use a series
resistor, R
S,
to limit the current. Be aware that adding
resistance to the input will increase noise. The 4nV/
√Hz
theoretical thermal noise of a 1k
Ω resistor will add to the
4.5nV/
√Hz noise of the OPA627/637 (by the square-root of
the sum of the squares), producing a total noise of 6nV/
√Hz.
Resistors below 100
Ω add negligible noise.
Leakage current in the protection diodes can increase the
total input bias current of the circuit. The specified maxi-
mum leakage current for commonly used diodes such as the
1N4148 is approximately 25nA—more than a thousand
times larger than the input bias current of the OPA627/637.
Leakage current of these diodes is typically much lower and
may be adequate in many applications. Light falling on the
junction of the protection diodes can dramatically increase
leakage current, so common glass-packaged diodes should
be shielded from ambient light. Very low leakage can be
achieved by using a diode-connected FET as shown. The
2N4117A is specified at 1pA and its metal case shields the
junction from light.
Sometimes input protection is required on I/V converters of
inverting amplifiers (Figure 7b). Although in normal opera-
tion, the voltage at the summing junction will be near zero
(equal to the offset voltage of the amplifier), large input
transients may cause this node to exceed 2V beyond the
power supplies. In this case, the summing junction should
be protected with diode clamps connected to ground. Even
with the low voltage present at the summing junction,
common signal diodes may have excessive leakage current.
Since the reverse voltage on these diodes is clamped, a
diode-connected signal transistor can be used as an inexpen-
sive low leakage diode (Figure 7b).
FIGURE 7. Input Protection Circuits.
+
–V
S
+V
S
Optional R
S
V
O
D: IN4148 — 25nA Leakage
2N4117A — 1pA Leakage
(a)
=
+
I
IN
V
O
D
D
D
(b)
D
D: 2N3904
=
NC
Siliconix
OPA627
OPA627
FPO
When used as a unity-gain buffer, large common-mode input voltage steps
produce transient variations in input-stage currents. This causes the rising
edge to be slower and falling edges to be faster than nominal slew rates
observed in higher-gain circuits.
(A)
(B)
SMALL SIGNAL RESPONSE
LARGE SIGNAL RESPONSE
FIGURE 8. OPA627 Dynamic Performance, G = +1.
+
OPA627
G = 1


Similar Part No. - OPA627BPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA627BPG4 TI-OPA627BPG4 Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA627BPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA627AU TI-OPA627AU Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
OPA627 TI-OPA627_07 Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
[Old version datasheet]   Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA627 BURR-BROWN-OPA627 Datasheet
256Kb / 13P
   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
[Old version datasheet]   OPA627-DIE Precision High-Speed DIFET Operational Amplifier
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512 Datasheet
54Kb / 7P
   HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com