Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP6N70 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQP6N70
Description  700V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP6N70 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQP6N70 Datasheet HTML 1Page - Fairchild Semiconductor FQP6N70 Datasheet HTML 2Page - Fairchild Semiconductor FQP6N70 Datasheet HTML 3Page - Fairchild Semiconductor FQP6N70 Datasheet HTML 4Page - Fairchild Semiconductor FQP6N70 Datasheet HTML 5Page - Fairchild Semiconductor FQP6N70 Datasheet HTML 6Page - Fairchild Semiconductor FQP6N70 Datasheet HTML 7Page - Fairchild Semiconductor FQP6N70 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
  
 


















µ



µ
 









 !"#!






















    
 &
       '(  ) *
 + $  , - ) .    /+  
'
0 
 1   #  2 &   
      
 







                      















  !













  

 


 













 







% 

 !   
() *$$" &  +
',) *$$ 
 #$  
- .!   
#$  
/   
#$  
''# #$  

"



Similar Part No. - FQP6N70

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP6N15 FAIRCHILD-FQP6N15 Datasheet
748Kb / 8P
   150V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP6N15 ISC-FQP6N15 Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQP6N25 FAIRCHILD-FQP6N25 Datasheet
722Kb / 8P
   250V n-Channel MOSFET
logo
Inchange Semiconductor ...
FQP6N25 ISC-FQP6N25 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQP6N40 FAIRCHILD-FQP6N40 Datasheet
736Kb / 8P
   400V N-Channel MOSFET
More results

Similar Description - FQP6N70

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
   700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR10N70FG FOSTER-FIR10N70FG Datasheet
2Mb / 8P
   700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR4N70FG FOSTER-FIR4N70FG Datasheet
6Mb / 10P
   700V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HMS15N70K HMSEMI-HMS15N70K Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com