Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C50 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320C50
Description  DIGITAL SIGNAL PROCESSORS
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C50 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320C50 Datasheet HTML 5Page - Texas Instruments TMS320C50 Datasheet HTML 6Page - Texas Instruments TMS320C50 Datasheet HTML 7Page - Texas Instruments TMS320C50 Datasheet HTML 8Page - Texas Instruments TMS320C50 Datasheet HTML 9Page - Texas Instruments TMS320C50 Datasheet HTML 10Page - Texas Instruments TMS320C50 Datasheet HTML 11Page - Texas Instruments TMS320C50 Datasheet HTML 12Page - Texas Instruments TMS320C50 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
TMS320C51, TMS320LC51, TMS320C52, TMS320LC52, TMS320C53S, TMS320LC53S, TMS320LC56
PZ PACKAGE
( TOP VIEW )
EMU1/ OFF
VSSC
RS
READY
HOLD
BIO
TRST
VSSI
MP/ MC
D15
D14
D12
D11
D10
D9
D8
VDDD
18
25
24
23
22
21
20
19
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
EMU0
TOUT
D13
VSSI
58
51
52
53
54
55
56
57
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
RD
VDDA
A15
A14
A13
A12
A11
A10
CLKMD1
VSSA
VSSA
VDDI
A9
A8
A7
A5
A4
A3
A2
A1
WE
A6
TDI
A0
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
VSSA
† See Table 2 for device-specific pinouts.
NOTE:
NC = No connect (These pins are reserved.)
Table 2. Device-Specific Pinouts for the PZ Package
PIN
’C51, ’LC51
’C52, ’LC52
’C53S, ’LC53S
’LC56‡
5
TCLKX
VSSI
CLKX2
BCLKX
CLKX
CLKX
CLKX1
CLKX
7
TFSR / TADD
VSSI
FSR2
BFSR
8
TCLKR
VSSI
CLKR2
BCLKR
46§
DR
DR
DR1
DR
47
TDR
VSSI
DR2
BDR
48§
FSR
FSR
FSR1
FSR
49§
CLKR
CLKR
CLKR1
CLKR
83
CLKIN2
CLKIN2
CLKIN2
CLKMD3
91§
FSX
FSX
FSX1
FSX
92
TFSX / TFRM
VSSI
FSX2
BFSX
93§
DX
DX
DX1
DX
94
TDX
NC
DX2
BDX
‡ Pin names beginning with “B” indicate signals on the buffered serial port (BSP).
§ No functional change


Similar Part No. - TMS320C50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C50 TI-TMS320C50 Datasheet
1Mb / 91P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C50 TI-TMS320C50 Datasheet
1Mb / 87P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C50 TI1-TMS320C50 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C50PGE TI-TMS320C50PGE Datasheet
1Mb / 91P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C50PGE TI1-TMS320C50PGE Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com