Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME1209DC Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # LME1209DC
Description  LME Series Isolated 250mW Single Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LME1209DC Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  LME1209DC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LME1209DC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LME1209DC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LME1209DC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KDC_LMEC_E03 Page 3 of 5
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
LME Series
Isolated 250mW Single Output DC/DC Converters
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS - 8 PIN DIP
Pin
Function
1-VIN
4+VIN
5+VOUT
7-VOUT
PIN CONNECTIONS - 4 PIN SIP
Pin
Function
1-VIN
2+VIN
3-VOUT
4+VOUT
All dimensions in inches ±0.01 (mm ±0.25mm). All pins on a 0.1 (2.54) pitch and within ±0.01 (0.25) of true position.
Weight: 1.30g (SIP) 1.48g (DIP)
DIP Package
SIP Package
0.45
(11.48)
0.236
(6.00)
0.0118 (0.30)
0.0078 (0.20)
0.074 (1.89)
0.109 (2.77)
0.3
(7.62)
0.049
(1.25)
0.393
(10.0)
0.022 (0.55)
0.018 (0.45)
0.181 (4.60)
0.142 (3.60)
0.022 (0.55)
0.018 (0.45)
XYYWW
LME0505SC
0.267 (6.80)
0.181 (4.60)
0.142 (3.60)
0.022 (0.55)
0.018 (0.45)
0.453 (11.50)
0.386 (9.80)
XYYWW
LME0505DC
0.0118 (0.30)
0.0078 (0.20)
0.043 (1.09)
0.0763 (1.94)
0.3 (7.62)
0.3 (7.62)
0.2 (5.08)
14
5
7
12
3
4


Similar Part No. - LME1209DC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LME1209DC MURATA-LME1209DC Datasheet
183Kb / 4P
   Isolated 250mW Single Output DC/DC Converters
logo
Murata Power Solutions ...
LME1209DC MURATA-PS-LME1209DC Datasheet
142Kb / 4P
   Isolated 250mW Single Output DC-DC Converters
More results

Similar Description - LME1209DC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
LME CANDD-LME Datasheet
168Kb / 2P
   Isolated 250mW Single Output DC-DC Converters
logo
Murata Manufacturing Co...
LME0505DC MURATA-LME0505DC Datasheet
183Kb / 4P
   Isolated 250mW Single Output DC/DC Converters
logo
Murata Power Solutions ...
LME MURATA-PS-LME Datasheet
142Kb / 4P
   Isolated 250mW Single Output DC-DC Converters
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
   Isolated 2W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com