Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME1209SC Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LME1209SC
Description  LME Series Isolated 250mW Single Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LME1209SC Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LME1209SC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LME1209SC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LME1209SC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LME1209SC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KDC_LMEC_E03 Page 1 of 5
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
LME Series
Isolated 250mW Single Output DC/DC Converters
www.murata-ps.
com
For full details go to
www.murata-ps.com/rohs
 
SELECTION GUIDE
Order Code
Nominal Input
Voltage
Output
Voltage
Output
Current
Efficiency
Isolation
Capacitance
MTTF1
Package
Style
V
V
mA
%
pF
kHrs
LME0505DC
5
5
50
70
29
2279
DIP
LME0509DC
5
9
28
75
37
1139
LME0512DC
5
12
21
75
41
624
LME0515DC
5
15
16
75
40
357
LME0505SC
5
5
50
70
29
2279
SIP
LME0509SC
5
9
28
75
37
1139
LME0512SC
5
12
21
75
41
624
LME0515SC
5
15
16
75
40
357
LME1205DC
12
5
50
70
38
536
DIP
LME1209DC
12
9
28
75
40
434
LME1212DC
12
12
21
75
43
330
LME1215DC
12
15
16
75
45
237
LME1205SC
12
5
50
70
38
536
SIP
LME1209SC
12
9
28
75
40
434
LME1212SC
12
12
21
75
43
330
LME1215SC
12
15
16
75
45
237
When operated with additional external load capacitance the rise time of the input voltage will determine the maximum external ca-
pacitance value for guaranteed start up. The slower the rise time of the input voltage the greater the maximum value of the additional
external capacitance for reliable start up.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 5V input types
4.5
5.0
5.5
V
Continuous operation, 12V input types
10.8
12
13.2
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power2
TA=0°C to 70°C
0.25
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.0
1.2
%/%
Load Regulation2
10% load to rated load, 5V output types
15
%
10% load to rated load, all other types
10
Ripple and Noise
BW=DC to 20MHz, all output types
100
mV p-p
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso= 500VDC
1
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
All input types
100
kHz
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection3
1 second
Lead temperature 1.5mm from case for 10 seconds
300°C
Input voltage VIN, LME05 types
7V
Input voltage VIN, LME12 types
15V
1. Calculated using MIL-HDBK-217F with nominal input voltage at full load.
2. See derating curve.
3. Supply voltage must be disconnected at the end of the short circuit duration.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
RoHS compliant
Single output rail
1kVDC isolation
High efficiency for low power applications
SIP & DIP package styles
Power density 0.36W/cm3
UL 94V-0 package material
Footprint from 0.69cm2
5V & 12V input
5V, 9V, 12V & 15V output
No heatsink required
Internal SMD construction
Fully encapsulated with toroidal magnetics
No external components required
MTTF up to 2.2 million hours
Custom solutions available
Pin compatible with NKE, NME & NML
series
PCB mounting
DESCRIPTION
The LME series of DC/DC converters are optimised
for low-power operation. They are ideally suited to
generating a negative supply where only a posi-
tive rail exists.


Similar Part No. - LME1209SC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LME1209SC MURATA-LME1209SC Datasheet
183Kb / 4P
   Isolated 250mW Single Output DC/DC Converters
More results

Similar Description - LME1209SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
LME CANDD-LME Datasheet
168Kb / 2P
   Isolated 250mW Single Output DC-DC Converters
logo
Murata Manufacturing Co...
LME0505DC MURATA-LME0505DC Datasheet
183Kb / 4P
   Isolated 250mW Single Output DC/DC Converters
logo
Murata Power Solutions ...
LME MURATA-PS-LME Datasheet
142Kb / 4P
   Isolated 250mW Single Output DC-DC Converters
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
   Isolated 2W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com