Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZY2K450A001 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # TZY2K450A001
Description  Ceramic Trimmer Capacitors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZY2K450A001 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button TZY2K450A001 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TZY2K450A001 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TZY2K450A001 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TZY2K450A001 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TZY2K450A001 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TZY2K450A001 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TZY2K450A001 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. TZY2K450A001 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. TZY2K450A001 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
5
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
s Temperature Characteristics
TZR1Z010
+8
+6
+4
+2
20
45
65
85
-2
-4
-6
-8
-10
-12
-25
-10
0
0
Z010 (NP0
±300 ppm/°C)
Temp. (
°C)
TZR1Z1R5
+8
+6
+4
+2
20
45
65
85
-2
-4
-6
-8
-10
-12
-25
-10
0
0
Z1R5 (NP0
±300 ppm/°C)
Temp. (
°C)
TZR1Z040
+8
+6
+4
+2
20
0
−10
−25
45
65
85
−2
−4
−6
−8
−10
−12
0
Z040 (NP0
±500 ppm/°C)
Temp.(
°C)
TZR1R080
+8
+6
+4
+2
20
0
−10
−25
45
65
85
−2
−4
−6
−8
−10
−12
0
R080 (N750
±500 ppm/°C)
Temp.(
°C)
s Frequency Characteristics
TZR1Z010
10000
1000
100
10
1
0
0
2
4
6
Frequency (GHz)
0.55pF set
1.0pF set
Z010
Q
8
10
TZR1Z1R5
10000
1000
100
10
1
0
0
2
4
6
Frequency (GHz)
0.7pF set
1.5pF set
Z1R5
Q
8
10
TZR1Z040
1000
1000
100
10
Q
1
10
100
500
1000
1500
2000
2500
Frequency (MHz)
Z040
TZR1R080
1000
1000
100
10
Q
1
10
100
500
1000
1500
2000
Frequency (MHz)
R080
Continued on the following page.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
T13E.pdf
08.8.27


Similar Part No. - TZY2K450A001

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZY2K450A001 MURATA-TZY2K450A001 Datasheet
1Mb / 44P
   Selection Guide of Ceramic Trimmer Capacitors
Aug.10,2012
TZY2K450A001B00 MURATA-TZY2K450A001B00 Datasheet
200Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
logo
Murata Manufacturing Co...
TZY2K450A001B00 MURATA1-TZY2K450A001B00 Datasheet
270Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
TZY2K450A001B00 MURATA1-TZY2K450A001B00_V01 Datasheet
270Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
logo
Murata Manufacturing Co...
TZY2K450A001R00 MURATA-TZY2K450A001R00 Datasheet
198Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
More results

Similar Description - TZY2K450A001

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZB4Z250AB10R00 MURATA-TZB4Z250AB10R00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
Vatronics Technologies ...
VCT6S VATRONICS-VCT6S Datasheet
67Kb / 2P
   Ceramic Trimmer Capacitors 6mm
VCT VATRONICS-VCT Datasheet
64Kb / 2P
   Ceramic Trimmer Capacitors 7mm
VCT5N VATRONICS-VCT5N Datasheet
63Kb / 1P
   Ceramic Trimmer Capacitors 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com