Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74VMEH22501A-EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74VMEH22501A-EP
Description  Enhanced Diminishing Manufacturing Sources (DMS) Support, Enhanced Product-Change Notification
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74VMEH22501A-EP Datasheet(HTML) 1 Page - Texas Instruments

  SN74VMEH22501A-EP Datasheet HTML 1Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 2Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 3Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 4Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 5Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 6Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 7Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 8Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
SN74VMEH22501AEP
8BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1BIT BUS TRANSCEIVERS
WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3STATE OUTPUTS
SCES625 − FEBRUARY 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product-Change Notification
D Qualification Pedigree
D Member of the Texas Instruments
Widebus
 Family
D UBT Transceiver Combines D-Type
Latches and D-Type Flip-Flops for
Operation in Transparent, Latched, or
Clocked Modes
D OEC Circuitry Improves Signal Integrity
and Reduces Electromagnetic Interference
(EMI)
D Compliant With VME64, 2eVME, and 2eSST
Protocols
D Bus Transceiver Split LVTTL Port Provides
Feedback Path for Control and Diagnostics
Monitoring
D I/O Interfaces Are 5-V Tolerant
D B-Port Outputs (−48 mA/64 mA)
D Y and A-Port Outputs (−12 mA/12 mA)
D Ioff, Power-Up 3-State, and BIAS VCC
Support Live Insertion
D Bus Hold on 3A-Port Data Inputs
D 26-W Equivalent Series Resistor on
3A Ports and Y Outputs
D Flow-Through Architecture Facilitates
Printed Circuit Board Layout
D Distributed VCC and GND Pins Minimize
High-Speed Switching Noise
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
† Component qualification in accordance with JEDEC and industry standards to ensure reliable operation over an extended temperature range. This
includes, but is not limited to, Highly Accelerated Stress Test (HAST) or biased 85/85, temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound life. Such qualification testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Motorola is a trademark of Motorola, Inc.
OEC, UBT, and Widebus are trademarks of Texas Instruments.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OEBY
1A
1Y
GND
2A
2Y
VCC
2OEBY
3A1
GND
LE
3A2
3A3
OE
GND
3A4
CLKBA
VCC
3A5
3A6
GND
3A7
3A8
DIR
1OEAB
VCC
1B
GND
BIAS VCC
2B
VCC
2OEAB
3B1
GND
VCC
3B2
3B3
VCC
GND
3B4
CLKAB
VCC
3B5
3B6
GND
3B7
3B8
VCC
DGG OR DGV PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74VMEH22501A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
More results

Similar Description - SN74VMEH22501A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CALVC164245IGQLREP TI-CALVC164245IGQLREP Datasheet
387Kb / 19P
[Old version datasheet]   Enhanced Diminishing Manufacturing Sources (DMS) Support
logo
Aavid, Thermal Division...
371924B00032G AAVID-371924B00032G Datasheet
39Kb / 2P
   Product Change Notification
374324B00032 AAVID-374324B00032 Datasheet
55Kb / 2P
   Product Change Notification
4804_REV_D-G AAVID-4804_REV_D-G Datasheet
55Kb / 2P
   Product Change Notification
4880SG AAVID-4880SG Datasheet
38Kb / 2P
   Product Change Notification
7717-15NG AAVID-7717-15NG Datasheet
55Kb / 2P
   Product Change Notification
7717-18DAPG AAVID-7717-18DAPG Datasheet
55Kb / 2P
   Product Change Notification
7717-18NG AAVID-7717-18NG Datasheet
55Kb / 2P
   Product Change Notification
7717-108DAPG AAVID-7717-108DAPG Datasheet
55Kb / 2P
   Product Change Notification
7717-86DAPG AAVID-7717-86DAPG Datasheet
55Kb / 2P
   Product Change Notification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com