Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1B Datasheet(PDF) 4 Page - Micro Commercial Components

Part # ES1B
Description  1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ES1B Datasheet(HTML) 4 Page - Micro Commercial Components

  ES1B Datasheet HTML 1Page - Micro Commercial Components ES1B Datasheet HTML 2Page - Micro Commercial Components ES1B Datasheet HTML 3Page - Micro Commercial Components ES1B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MCC
Revision: C
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
4 of 4
1
Device
Packing
Part Number-TP
Tape&Reel: 3Kpcs/Reel
Ordering Information :
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.
Note : Adding "-HF" suffix for halogen free, eg. Part Number-TP-HF


Similar Part No. - ES1B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1B PANJIT-ES1B Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Shanghai Shunye Electro...
ES1B SHUNYE-ES1B Datasheet
234Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES1B SY-ES1B Datasheet
234Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
RFE international
ES1B RFE-ES1B Datasheet
1Mb / 3P
   Surface Mount Super Fast Recifier Diodes ES1A Through ES1K
08-12-2020
logo
Rugao Dachang Electroni...
ES1B DACHANG-ES1B Datasheet
122Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
More results

Similar Description - ES1B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ES1AE MCC-ES1AE_14 Datasheet
375Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
ER1A LEIDITECH-ER1A Datasheet
628Kb / 3P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
UFM13PL-TP MCC-UFM13PL-TP Datasheet
304Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
ES1A-TP MCC-ES1A-TP Datasheet
305Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
UFM11PL MCC-UFM11PL Datasheet
249Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
ER1A MCC-ER1A_13 Datasheet
203Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
UFM16PL-TP MCC-UFM16PL-TP Datasheet
303Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
UF4001 MCC-UF4001 Datasheet
371Kb / 2P
   1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
UF4001 MCC-UF4001_11 Datasheet
231Kb / 3P
   1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
FR1A MCC-FR1A Datasheet
622Kb / 3P
   1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com