Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP85N06 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQP85N06
Description  60V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP85N06 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQP85N06 Datasheet HTML 1Page - Fairchild Semiconductor FQP85N06 Datasheet HTML 2Page - Fairchild Semiconductor FQP85N06 Datasheet HTML 3Page - Fairchild Semiconductor FQP85N06 Datasheet HTML 4Page - Fairchild Semiconductor FQP85N06 Datasheet HTML 5Page - Fairchild Semiconductor FQP85N06 Datasheet HTML 6Page - Fairchild Semiconductor FQP85N06 Datasheet HTML 7Page - Fairchild Semiconductor FQP85N06 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. A1. May 2001
©2001 Fairchild Semiconductor Corporation
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 130
µH, I
AS = 85A, VDD = 25V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 85A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width ≤ 300
µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
6. Continuous Drain Current Calculated by Maximum Junction Temperature : Limited by Package
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
60
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.06
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 60 V, VGS = 0 V
--
--
1
µA
VDS = 48 V, TC = 150°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 25 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -25 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
2.0
--
4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID =42.5 A
--
0.008
0.010
gFS
Forward Transconductance
VDS = 25 V, ID = 42.5 A
--
54
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
3170
4120
pF
Coss
Output Capacitance
--
1150
1500
pF
Crss
Reverse Transfer Capacitance
--
165
220
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 30 V, ID = 42.5 A,
RG = 25 Ω
--
40
90
ns
tr
Turn-On Rise Time
--
230
470
ns
td(off)
Turn-Off Delay Time
--
175
360
ns
tf
Turn-Off Fall Time
--
170
350
ns
Qg
Total Gate Charge
VDS = 48 V, ID = 85 A,
VGS = 10 V
--
86
112
nC
Qgs
Gate-Source Charge
--
20.5
--
nC
Qgd
Gate-Drain Charge
--
36
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
85
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
300
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 85 A
--
--
1.5
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 85 A,
dIF / dt = 100 A/µs
--
70
--
ns
Qrr
Reverse Recovery Charge
--
135
--
nC
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)


Similar Part No. - FQP85N06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQP85N06 ISC-FQP85N06 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQP85N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3460 AOSMD-AO3460_10 Datasheet
168Kb / 4P
   60V N-Channel MOSFET
AOB462L AOSMD-AOB462L Datasheet
445Kb / 6P
   60V N-Channel MOSFET
AOB2606L AOSMD-AOB2606L Datasheet
354Kb / 7P
   60V N-Channel MOSFET
AON6444 AOSMD-AON6444 Datasheet
270Kb / 7P
   60V N-Channel MOSFET
logo
Chip Integration Techno...
2N7002D CITC-2N7002D Datasheet
502Kb / 6P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010A GOOD-ARK-SSF6010A Datasheet
996Kb / 5P
   60V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP50N06A SEMIHOW-HFP50N06A_16 Datasheet
374Kb / 9P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010 GOOD-ARK-SSF6010 Datasheet
953Kb / 5P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440_10 Datasheet
172Kb / 4P
   60V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com