Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLD-DS56 Datasheet(PDF) 1 Page - Cree, Inc

Part # CLD-DS56
Description  Cree짰 XLamp짰 XP-E2 LEDs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-DS56 Datasheet(HTML) 1 Page - Cree, Inc

  CLD-DS56 Datasheet HTML 1Page - Cree, Inc CLD-DS56 Datasheet HTML 2Page - Cree, Inc CLD-DS56 Datasheet HTML 3Page - Cree, Inc CLD-DS56 Datasheet HTML 4Page - Cree, Inc CLD-DS56 Datasheet HTML 5Page - Cree, Inc CLD-DS56 Datasheet HTML 6Page - Cree, Inc CLD-DS56 Datasheet HTML 7Page - Cree, Inc CLD-DS56 Datasheet HTML 8Page - Cree, Inc CLD-DS56 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Product family data sheet
Copyright © 2012-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without
notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc.
cree
® Xlamp® XP-e2 leds
Product descriPtion
The XLamp XP-e2 LeD builds on the
unprecedented performance of the
original XP-e by increasing lumen
output up to 20% while providing
a single die LeD point source for
precise optical control. The XP-e2
LeD shares the same footprint
as the original XP-e, providing a
seamless upgrade path to more
lumens and/or greater efficiency
while shortening the design cycle
for existing XP customers.
XLamp XP-e2 LeDs are the ideal
choice
for
lighting
applications
where
high
light
output
and
maximum efficacy are required,
such as LED retrofit lamps, outdoor,
portable,
indoor
directional,
emergency vehicle or architectural.
features
• Available in white, outdoor
white, 80-CRI, 85-CRI, 90-CRI
white, royal blue, blue, green,
amber, red-orange & red
• ANSI-compatible chromaticity
bins
• White binned at 85 °C
• Maximum drive current: 1 A
• Low thermal resistance: as low
as 5 °C/W
• Wide viewing angle: 110°-135°
• Unlimited floor life at
≤ 30 °C/85% RH
• Reflow solderable - JEDEC
J-STD-020C compatible
• electrically neutral thermal path
• UL-recognized component
(e349212)
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
table of contents
Characteristics .......................... 2
Flux Characteristics - White ........ 3
Flux Characteristics - Color ......... 4
Relative Spectral Power
Distribution............................... 6
Relative Flux vs. Junction
Temperature ............................. 7
electrical Characteristics............. 8
Relative Flux vs. Current ............ 9
Relative Chromaticity vs. Current
and Temperature ......................10
Typical Spatial Distribution.........11
Thermal Design........................12
Reflow Soldering Characteristics .13
Notes......................................14
Mechanical Dimensions..............15
Tape and Reel ..........................16
Packaging................................17


Similar Part No. - CLD-DS56

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-DS52 CREE-CLD-DS52 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XQ-D LED
More results

Similar Description - CLD-DS56

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-DSXX CREE-CLD-DSXX Datasheet
1Mb / 20P
   Cree짰 XLamp짰 XP-E2 Color LEDs
XPGWHT-L1-0000-00E51 CREE-XPGWHT-L1-0000-00E51 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 XP-G LEDs
XPBL CREE-XPBL Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
XP-C CREE-XP-C Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-C LEDs
XP-E CREE-XP-E Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS34 CREE-CLD-DS34 Datasheet
1Mb / 13P
   Cree짰 XLamp짰 XP-E High-Efficiency White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com