Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24T08-W Datasheet(PDF) 11 Page - Rohm

Part # BR24T08-W
Description  Other devices than EEPROM can be connected to the same port, saving microcontroller port
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24T08-W Datasheet(HTML) 11 Page - Rohm

Back Button BR24T08-W Datasheet HTML 7Page - Rohm BR24T08-W Datasheet HTML 8Page - Rohm BR24T08-W Datasheet HTML 9Page - Rohm BR24T08-W Datasheet HTML 10Page - Rohm BR24T08-W Datasheet HTML 11Page - Rohm BR24T08-W Datasheet HTML 12Page - Rohm BR24T08-W Datasheet HTML 13Page - Rohm BR24T08-W Datasheet HTML 14Page - Rohm BR24T08-W Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Technical Note
11/21
BR24T□□□□Series
www.rohm.com
2011.03 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
●Read Command
○Read cycle
Data of EEPROM is read. In read cycle, there are random read cycle and current read cycle. Random read cycle is a
command to read data by designating address, and is used generally. Current read cycle is a command to read data of
internal address register without designating address, and is used when to verify just after write cycle. In both the read
cycles, sequential read cycle is available, and the next address data can be read in succession.
・In random read cycle, data of designated word address can be read.
・When the command just before current read cycle is random read cycle, current read cycle (each including sequential
read cycle), data of incremented last read address (n)-th address, i.e., data of the (n+1)-th address is output.
・When ACK signal 'LOW' after D0 is detected, and stop condition is not sent from master (µ-COM) side, the next
address data can be read in succession.
・Read cycle is ended by stop condition where 'H' is input to ACK signal after D0 and SDA signal is started at SCL
signal 'H' .
・When 'H' is not input to ACK signal after D0, sequential read gets in, and the next data is output.
Therefore, read command cycle cannot be ended. When to end read command cycle, be sure input stop condition to
input 'H' to ACK signal after D0, and to start SDA at SCL signal 'H'.
・Sequential read is ended by stop condition where 'H' is input to ACK signal after arbitrary D0 and SDA is started at SCL
signal 'H'.
Fig.43 Random read cycle (BR24T01/02/04/08/16-W)
Fig.44 Random read cycle (BR24T32/64/128/256/512/1M-W)
*1 As for WA12, BR24T32-W become Don’t care.
As for WA13, BR24T32/64-W become Don’t care.
As for WA14, BR24T32/64/128-W become Don’t care.
As for WA15, BR24T32/64/128/256-W become Don’t care.
Fig.45 Current read cycle
Fig.46 Sequential read cycle (in the case of current read cycle)
*1
In BR24T16-W, A2 becomes P2.
*2
In BR24T08/16-W, A1 becomes P1.
*3
In BR24T08/16/1M-W, A0 becomes P0.
Note)
*1
As for WA7,BR24T01-W become Don’t care.
Fig.47 Difference of slave address of each type
A2
A0
A1
A1
A2
W
R
I
T
E
S
T
A
R
T
R
/
W
A
C
K
S
T
O
P
1st WORD
ADDRESS
()
SDA
LINE
A
C
K
A
C
K
DATA(n)
A
C
K
SLAVE
ADDRESS
1 0
0
1
A0
D7
D0
2nd WORD
ADDRESS(n)
A
C
K
S
T
A
R
T
SLAVE
ADDRESS
1 0
0
1
R
/
W
R
E
A
D
WA
0
Note)
*1
WA
15
WA
14
WA
13
WA
12
WA
11
W
R
I
T
E
S
T
A
R
T
R
/
W
A
C
K
S
T
O
P
WORD
ADDRESS(n)
SDA
LINE
A
C
K
A
C
K
DATA(n)
A
C
K
SLAVE
ADDRESS
10
0
1
A0
A1
A2
WA
7
A0
D0
SLAVE
ADDRESS
10
0
1A1
A2
S
T
A
R
T
D7
R
/
W
R
E
A
D
WA
0
Note)
*1
S
T
A
R
T
S
T
O
P
SDA
LINE
A
C
K
DATA(n)
A
C
K
SLAVE
ADDRESS
10
0
1
A0
A1
A2
D0
D7
R
/
W
R
E
A
D
Note)
R
E
A
D
S
T
A
R
T
R
/
W
A
C
K
S
T
O
P
DATA(n)
SDA
LINE
A
C
K
A
C
K
DATA(n+x)
A
C
K
SLAVE
ADDRESS
10
0
1
A0
A1
A2
D0
D7
D0
D7
Note)
*1
As for WA12, BR24T32-W becomes Don't care.
As for WA13, BR24T32/64-W becomes Don't care.
As for WA14, BR24T32/64/128-W becomes Don't care.
As for WA15, BR24T32/64/128/256-W becomes Don't care.
*2
As for BR24T128/256-W becomes (n+63)
As for BR24T512-W becomes (n+127)
As for BR24T1M-W becomes (n+255)
*1
As for WA7, BR24T01-W becomes Don't care.
*2
As for BR24T01/02-W becomes (n+7)
1
0
0
1A0
A1
A2
*1 *2 *3


Similar Part No. - BR24T08-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T08-W ROHM-BR24T08-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T08-W ROHM-BR24T08-W Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T08-W ROHM-BR24T08-W Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T08-W ROHM-BR24T08-W Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T08-W ROHM-BR24T08-W Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
More results

Similar Description - BR24T08-W

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701457 PHOENIX-2701457 Datasheet
116Kb / 5P
   Up to 63 Axioline F devices can be connected to the bus coupler.
logo
Varitronix internationa...
VI-804 VARITRONIX-VI-804 Datasheet
36Kb / 1P
   REMARKS: SAME COMMON SHOULD BE CONNECTED TOGETHER ON THE P.C.B
logo
PHOENIX CONTACT
2867953 PHOENIX-2867953 Datasheet
101Kb / 4P
   Up to 254 slaves can be connected to one master
logo
Micro Commercial Compon...
SK310A-TP MCC-SK310A-TP Datasheet
272Kb / 4P
   Can Be Up To 50% Smaller Than The SMC To Save Precious Board Space
logo
Analog Devices
CN0221 AD-CN0221 Datasheet
418Kb / 5P
   Devices Connected
CN0216 AD-CN0216 Datasheet
603Kb / 5P
   Devices Connected
CN0385 AD-CN0385 Datasheet
532Kb / 13P
   Devices Connected
CN0253 AD-CN0253 Datasheet
135Kb / 4P
   Devices Connected
CN0357 AD-CN0357 Datasheet
223Kb / 5P
   Devices Connected
CN0388 AD-CN0388 Datasheet
503Kb / 5P
   Devices Connected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com