Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-3120-000E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-3120-000E
Description  2.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3120-000E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-3120-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Features
•   2.5 A maximum peak output current
•   2.0 A minimum peak output current
•   25 kV/µs minimum Common Mode Rejection (CMR) at 
VCM = 1500 V
•   0.5  V  maximum  low  level  output  voltage  (VOL) 
Eliminates need for negative gate drive
•   ICC = 5 mA maximum supply current
•   Under  Voltage  Lock-Out  protection  (UVLO)  with 
hysteresis
•   Wide operating VCC range: 15 to 30 Volts
•   500 ns maximum switching speeds
•   Industrial temperature range: -40°C to 100°C
•   SafetyApproval:
  UL Recognized
  3750 Vrms for 1 min. for HCPL-3120/J312 
  5000 Vrms for 1 min. for HCNW3120 
  CSA Approval 
  IEC/EN/DIN EN 60747-5-2 Approved
  VIORM = 630 Vpeak for HCPL-3120 (Option 060) 
  VIORM = 891 Vpeak for HCPL-J312 
  VIORM = 1414 Vpeak for HCNW3120
Applications
•  IGBT/MOSFET gate drive
•  AC/Brushless DC motor drives
•  Industrial inverters
•  Switch mode power supplies
HCPL-3120/J312, HCNW3120
2.5 Amp Output Current IGBT Gate Drive Optocoupler
Data Sheet
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Description
The HCPL-3120 contains a GaAsP LED while the         HCPL-
J312 and the HCNW3120 contain an AlGaAs LED. The LED 
is optically coupled to an integrated circuit with a power 
output stage. These optocouplers are ideally suited for 
driving power IGBTs and MOSFETs used in motor control 
inverter applications. The high operating voltage range 
of the output stage provides the drive voltages required 
by  gate  controlled  devices.  The  voltage  and  current 
supplied  by  these  optocouplers  make  them  ideally 
suited for directly driving IGBTs with ratings up to 1200 
V/100  A.  For  IGBTs  with  higher  ratings,  the  HCPL-3120 
series can be used to drive a discrete power stage which 
drives the IGBT gate. The HCNW3120 has the highest in-
sulation voltage of VIORM = 1414 Vpeak in the IEC/EN/DIN 
EN 60747-5-2. The HCPL-J312 has an insulation voltage 
of  VIORM = 891 Vpeak  and  the  VIORM = 630 Vpeak  is  also 
available with the HCPL-3120 (Option 060).
A 0.1 µF bypass capacitor must be connected between pins 5 and 8.
TRUTH TABLE
LED
VCC - VEE
“POSITIVE GOING”
(i.e., TURN-ON)
VCC - VEE
“NEGATIVE GOING”
(i.e., TURN-OFF)
VO
OFF 
0 - 30 V 
0 - 30 V 
LOW 
ON 
0 - 11 V 
0 - 9.5 V 
LOW 
ON 
11 - 13.5 V 
9.5 - 12 V 
TRANSITION 
ON 
13.5 - 30 V 
12 - 30 V 
HIGH 
Functional Diagram
1
3
SHIELD
2
4
8
6
7
5
N/C
CATHODE
ANODE
N/C
VCC
VO
VO
VEE
1
3
SHIELD
2
4
8
6
7
5
N/C
CATHODE
ANODE
N/C
VCC
N/C
VO
VEE
HCNW3120
HCPL-3120/J312


Similar Part No. - HCPL-3120-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-000E AVAGO-HCPL-3120-000E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - HCPL-3120-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-300E AVAGO-HCPL-3120-300E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-500E AVAGO-HCPL-3120-500E Datasheet
409Kb / 25P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-H342-000E AVAGO-ACPL-H342-000E Datasheet
707Kb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J312 AVAGO-HCPL-J312 Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-332J-500E AVAGO-ACPL-332J-500E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com