Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5.0SMDJ43CA Datasheet(PDF) 2 Page - Littelfuse

Part # 5.0SMDJ43CA
Description  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

5.0SMDJ43CA Datasheet(HTML) 2 Page - Littelfuse

  5.0SMDJ43CA Datasheet HTML 1Page - Littelfuse 5.0SMDJ43CA Datasheet HTML 2Page - Littelfuse 5.0SMDJ43CA Datasheet HTML 3Page - Littelfuse 5.0SMDJ43CA Datasheet HTML 4Page - Littelfuse 5.0SMDJ43CA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Revision: November 15, 2011, 16:49
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
2
Surface Mount – 5000W > 5.0SMDJ series
5.0SMDJ Series
Please refer to http://www.Littelfuse.com/series/5.0SSMDJ.html for current information.
Electrical Characteristics
Part
Number
(Uni)
Part
Number
(Bi)
Marking
Reverse
Stand off
Voltage
V
R
(Volts)
Breakdown
Voltage V
BR
(Volts) @ I
T
Test
Current
I
T
(mA)
Maximum
Clamping
Voltage V
C
@ I
pp
(V)
Maximum
Peak
Pulse
Current I
pp
(A)
Maximum
Reverse
Leakage I
R
@ V
R
(µA)
Agency
Approval
UNI
BI
MIN
MAX
5.0SMDJ12A
5.0SMDJ12CA
5PEP
5BEP
12.0
13.30
14.70
10
19.9
252.00
800
X
5.0SMDJ13A
5.0SMDJ13CA
5PEQ
5BEQ
13.0
14.40
15.90
10
21.5
233.00
500
X
5.0SMDJ14A
5.0SMDJ14CA
5PER
5BER
14.0
15.60
17.20
10
23.2
216.00
200
X
5.0SMDJ15A
5.0SMDJ15CA
5PES
5BES
15.0
16.70
18.50
1
24.4
205.00
100
X
5.0SMDJ16A
5.0SMDJ16CA
5PET
5BET
16.0
17.80
19.70
1
26.0
193.00
50
X
5.0SMDJ17A
5.0SMDJ17CA
5PEU
5BEU
17.0
18.90
20.90
1
27.6
181.00
20
X
5.0SMDJ18A
5.0SMDJ18CA
5PEV
5BEV
18.0
20.00
22.10
1
29.2
172.00
10
X
5.0SMDJ20A
5.0SMDJ20CA
5PEW
5BEW
20.0
22.20
24.50
1
32.4
155.00
5
X
5.0SMDJ22A
5.0SMDJ22CA
5PEX
5BEX
22.0
24.40
26.90
1
35.5
141.00
5
X
5.0SMDJ24A
5.0SMDJ24CA
5PEZ
5BEZ
24.0
26.70
29.50
1
38.9
129.00
5
X
5.0SMDJ26A
5.0SMDJ26CA
5PFE
5BFE
26.0
28.90
31.90
1
42.1
119.00
5
X
5.0SMDJ28A
5.0SMDJ28CA
5PFG
5BFG
28.0
31.10
34.40
1
45.4
110.00
5
X
5.0SMDJ30A
5.0SMDJ30CA
5PFK
5BFK
30.0
33.30
36.80
1
48.4
103.00
5
X
5.0SMDJ33A
5.0SMDJ33CA
5PFM
5BFM
33.0
36.70
40.60
1
53.3
93.90
5
X
5.0SMDJ36A
5.0SMDJ36CA
5PFP
5BFP
36.0
40.00
44.20
1
58.1
86.10
5
X
5.0SMDJ40A
5.0SMDJ40CA
5PFR
5BFR
40.0
44.40
49.10
1
64.5
77.60
5
X
5.0SMDJ43A
5.0SMDJ43CA
5PFT
5BFT
43.0
47.80
52.80
1
69.4
72.10
5
X
5.0SMDJ45A
5.0SMDJ45CA
5PFV
5BFV
45.0
50.00
55.30
1
72.7
68.80
5
X
5.0SMDJ48A
5.0SMDJ48CA
5PFX
5BFX
48.0
53.30
58.90
1
77.4
64.70
5
X
5.0SMDJ51A
5.0SMDJ51CA
5PFZ
5BFZ
51.0
56.70
62.70
1
82.4
60.70
5
X
5.0SMDJ54A
5.0SMDJ54CA
5PGE
5BGE
54.0
60.00
66.30
1
87.1
57.50
5
X
5.0SMDJ58A
5.0SMDJ58CA
5PGG
5BGG
58.0
64.40
71.20
1
93.6
53.50
5
X
5.0SMDJ60A
5.0SMDJ60CA
5PGK
5BGK
60.0
66.70
73.70
1
96.8
51.70
5
X
5.0SMDJ64A
5.0SMDJ64CA
5PGM
5BGM
64.0
71.10
78.60
1
103.0
48.60
5
X
5.0SMDJ70A
5.0SMDJ70CA
5PGP
5BGB
70.0
77.80
86.00
1
113.0
44.30
5
X
5.0SMDJ75A
5.0SMDJ75CA
5PGR
5BGR
75.0
83.30
92.10
1
121.0
41.40
5
X
5.0SMDJ78A
5.0SMDJ78CA
5PGT
5BGT
78.0
86.70
95.80
1
126.0
39.70
5
X
5.0SMDJ85A
5.0SMDJ85CA
5PGV
5BGV
85.0
94.40
104.00
1
137.0
36.50
5
X
5.0SMDJ90A
5.0SMDJ90CA
5PGX
5BGX
90.0
100.00
111.00
1
146.0
34.30
5
X
5.0SMDJ100A 5.0SMDJ100CA
5PGZ
5BGZ
100.0
111.00
123.00
1
162.0
30.90
5
X
5.0SMDJ110A 5.0SMDJ110CA
5PHE
5BHE
110.0
122.00
135.00
1
177.0
28.30
5
X
5.0SMDJ120A 5.0SMDJ120CA
5PHG
5BHG
120.0
133.00
147.00
1
193.0
26.00
5
X
5.0SMDJ130A 5.0SMDJ130CA
5PHK
5BHK
130.0
144.00
159.00
1
209.0
24.00
5
X
5.0SMDJ150A 5.0SMDJ150CA 5PHM
5BHM
150.0
167.00
185.00
1
243.0
20.60
5
X
5.0SMDJ160A 5.0SMDJ160CA
5PHP
5BHB
160.0
178.00
197.00
1
259.0
19.30
5
X
5.0SMDJ170A 5.0SMDJ170CA
5PHR
5BHR
170.0
189.00
209.00
1
275.0
18.20
5
X
For Bidirectional type having V
R of 20 volts and less,the IR limit is double.


Similar Part No. - 5.0SMDJ43CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
5.0SMDJ43CA MDE-5.0SMDJ43CA Datasheet
110Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
5.0SMDJ43CA CHENDA-5.0SMDJ43CA Datasheet
2Mb / 3P
   5.0-170 Volts Peak pulse power: 5000 Watts
logo
Bourns Electronic Solut...
5.0SMDJ43CA BOURNS-5.0SMDJ43CA Datasheet
202Kb / 6P
   5.0SMDJ Transient Voltage Suppressor Diode Series
REV. 03/20
logo
Littelfuse
5.0SMDJ43CA LITTELFUSE-5.0SMDJ43CA Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
Yangzhou yangjie electr...
5.0SMDJ43CA YANGJIE-5.0SMDJ43CA Datasheet
202Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Similar Description - 5.0SMDJ43CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com