Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS18S20 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS18S20
Description  High-Precision 1-Wire Digital Thermometer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS18S20 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS18S20 Datasheet HTML 1Page - Maxim Integrated Products DS18S20 Datasheet HTML 2Page - Maxim Integrated Products DS18S20 Datasheet HTML 3Page - Maxim Integrated Products DS18S20 Datasheet HTML 4Page - Maxim Integrated Products DS18S20 Datasheet HTML 5Page - Maxim Integrated Products DS18S20 Datasheet HTML 6Page - Maxim Integrated Products DS18S20 Datasheet HTML 7Page - Maxim Integrated Products DS18S20 Datasheet HTML 8Page - Maxim Integrated Products DS18S20 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
AVAILABLE
Functional Diagrams
Pin Configurations appear at end of data sheet.
Functional Diagrams continued at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
FEATURES
 Unique 1-Wire® Interface Requires Only One
Port Pin for Communication
 Each Device has a Unique 64-Bit Serial Code
Stored in an On-Board ROM
 Multidrop Capability Simplifies Distributed
Temperature Sensing Applications
 Requires No External Components
 Can Be Powered from Data Line. Power
Supply Range is 3.0V to 5.5V
 Measures Temperatures from -55°C to
+125°C (-67°F to +257°F)
±0.5°C Accuracy from -10°C to +85°C
 9-Bit Thermometer Resolution
 Converts Temperature in 750ms (max)
 User-Definable Nonvolatile (NV) Alarm
Settings
 Alarm Search Command Identifies and
Addresses Devices Whose Temperature is
Outside Programmed Limits (Temperature
Alarm Condition)
Applications Include Thermostatic Controls,
Industrial Systems, Consumer Products,
Thermometers, or Any Thermally Sensitive
System
PIN CONFIGURATIONS
DESCRIPTION
The DS18S20 digital thermometer provides 9-bit Celsius temperature measurements and has an alarm
function with nonvolatile user-programmable upper and lower trigger points. The DS18S20
communicates over a 1-Wire bus that by definition requires only one data line (and ground) for
communication with a central microprocessor. It has an operating temperature range of –55°C to +125°C
and is accurate to
±0.5°C over the range of –10°C to +85°C. In addition, the DS18S20 can derive power
directly from the data line (“parasite power”), eliminating the need for an external power supply.
Each DS18S20 has a unique 64-bit serial code, which allows multiple DS18S20s to function on the same
1-Wire bus. Thus, it is simple to use one microprocessor to control many DS18S20s distributed over a
large area. Applications that can benefit from this feature include HVAC environmental controls,
temperature monitoring systems inside buildings, equipment, or machinery, and process monitoring and
control systems.
1-Wire is a registered trademark of Maxim Integrated Products, Inc.
TO-92
(DS18S20)
1
(BOTTOM VIEW)
2
3
MAXIM
DS1820
1
2 3
SO (150 mils)
(DS18S20Z)
N.C.
N.C.
N.C.
N.C.
GND
DQ
VDD
N.C.
6
8
7
5
3
1
2
4
19-5474; Rev 8/10
DS18S20
High-Precision 1-Wire Digital Thermometer


Similar Part No. - DS18S20

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS18S20 DALLAS-DS18S20 Datasheet
136Kb / 27P
   High Precision 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18S20++ MAXIM-DS18S20+ Datasheet
486Kb / 21P
   High-Precision 1-Wire Digital Thermometer
2015
DS18S20+T&R MAXIM-DS18S20+T&R Datasheet
486Kb / 21P
   High-Precision 1-Wire Digital Thermometer
2015
logo
Dallas Semiconductor
DS18S20-PAR DALLAS-DS18S20-PAR Datasheet
141Kb / 20P
   1-Wire짰 Parasite-Power Digital Thermometer
logo
Maxim Integrated Produc...
DS18S20-PAR MAXIM-DS18S20-PAR Datasheet
256Kb / 20P
   1-Wire Parasite-Power Digital Thermometer
111803
More results

Similar Description - DS18S20

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS18S20 DALLAS-DS18S20 Datasheet
136Kb / 27P
   High Precision 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18S20 MAXIM-DS18S20_V01 Datasheet
486Kb / 21P
   High-Precision 1-Wire Digital Thermometer
2015
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
   1-Wire Digital Thermometer
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
   1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
   Flipchip 1-Wire Digital Thermometer
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
   High-Precision 3-Wire Digital Thermometer and Thermostat
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
   Econo 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1822 MAXIM-DS1822_V01 Datasheet
252Kb / 21P
   Econo 1-Wire Digital Thermometer
2015
DS1822 MAXIM-DS1822 Datasheet
222Kb / 21P
   Econo 1-Wire Digital Thermometer
101107
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com