Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2606EUT Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX2606EUT
Description  50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Digital VGA
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2606EUT Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX2606EUT Datasheet HTML 15Page - Maxim Integrated Products MAX2606EUT Datasheet HTML 16Page - Maxim Integrated Products MAX2606EUT Datasheet HTML 17Page - Maxim Integrated Products MAX2606EUT Datasheet HTML 18Page - Maxim Integrated Products MAX2606EUT Datasheet HTML 19Page - Maxim Integrated Products MAX2606EUT Datasheet HTML 20Page - Maxim Integrated Products MAX2606EUT Datasheet HTML 21Page - Maxim Integrated Products MAX2606EUT Datasheet HTML 22Page - Maxim Integrated Products MAX2606EUT Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
50MHz to 1000MHz High-Linearity,
Serial/Parallel-Controlled Digital VGA
______________________________________________________________________________________
19
As an example, assume that the AGC application
requires a static attenuation adjustment to trim out gain
inconsistencies within a receiver lineup. The same AGC
circuit can also be called upon to dynamically attenuate
an unwanted blocker signal that could de-sense the
receiver and lead to an ADC overdrive condition. In this
example, the MAX2066 would be preprogrammed
(through the SPI bus) with two customized attenuation
states—one to address the static gain trim adjustment,
the second to counter the unwanted blocker condition.
Toggling just the STATE_A control bit enables the user
to switch quickly between the static and dynamic atten-
uation settings with only one I/O pin.
If desired, the user can also program two additional
attenuation states by using the STATE_B control bit as
a second I/O pin. These two additional attenuation set-
tings are useful for software-defined radio applications
where multiple static gain settings may be needed to
account for different frequencies of operation, or where
multiple dynamic attenuation settings are needed to
account for different blocker levels (as defined by multi-
ple wireless standards).
External Bias
Bias currents for the driver amplifier are set and opti-
mized through external resistors. Resistors R1 and R1A
connected to RSET (pin 18) set the bias current for the
amplifier. The external biasing resistor values can be
increased for reduced current operation at the expense
of performance. See Tables 6 and 7 for details.
+5V and +3.3V Supply Voltage
The MAX2066 features an optional +3.3V supply voltage
operation with slightly reduced linearity performance.
Pin-Compatibility Considerations
The MAX2066 is a simplified version of the MAX2065
analog/digital VGA. The MAX2066 does not contain an
analog attenuator, on-chip DAC, or internal reference.
The associated input/output pins are internally connected
to ground (Table 5). Ground the unused input/output pins
to optimize isolation. (See the
Typical Application Circuit.)
Layout Considerations
The pin configuration of the MAX2066 has been opti-
mized to facilitate a very compact physical layout of the
device and its associated discrete components.
The exposed paddle (EP) of the MAX2066’s 40-pin thin
QFN-EP package provides a low thermal-resistance
path to the die. It is important that the PCB on which the
MAX2066 is mounted be designed to conduct heat
from the EP. In addition, provide the EP with a low-
inductance path to electrical ground. The EP must be
soldered to a ground plane on the PCB, either directly
or through an array of plated via holes.
Table 4. Preprogrammed Attenuation
State Settings
STATE_A
STATE_B
DIGITAL ATTENUATOR
0
0
Preprogrammed attenuation state 1
1
0
Preprogrammed attenuation state 2
0
1
Preprogrammed attenuation state 3
1
1
Preprogrammed attenuation state 4
Table 5. MAX2065/MAX2066 Pin
Comparison
PIN
MAX2065
MAX2066
2
VREF_SELECT
GND
3
VDAC_EN
GND
32
ATTEN1_OUT
GND
37
ATTEN1_IN
GND
38
VCC_ANALOG
GND
39
ANALOG_VCTRL
GND
40
VREF_IN
GND


Similar Part No. - MAX2606EUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2606EUT-T MAXIM-MAX2606EUT-T Datasheet
312Kb / 15P
   45MHz to 650MHz, Integrated IF VCOs with Differential Output
Rev 0a; 4/02
MAX2606EUT-T MAXIM-MAX2606EUT-T Datasheet
541Kb / 15P
   45MHz to 650MHz, Integrated IF VCOs with Differential Output
Rev 0a; 4/02
MAX2606EUT-T MAXIM-MAX2606EUT-T Datasheet
324Kb / 15P
   Integrated IF VCOs with Differential Output
Rev 0a; 4/02
More results

Similar Description - MAX2606EUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2066 MAXIM-MAX2066 Datasheet
358Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Digital VGA
Rev 0; 3/08
MAX2063 MAXIM-MAX2063 Datasheet
2Mb / 22P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Digital VGA
Rev 0; 6/10
MAX2065 MAXIM-MAX2065 Datasheet
872Kb / 27P
   50MHz to 1000MHz High-Linearity, Serial/ Parallel-Controlled Analog/Digital VGA
Rev 0; 3/08
MAX2062 MAXIM-MAX2062 Datasheet
3Mb / 24P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Analog/Digital VGA
Rev 2; 8/15
MAX2067 MAXIM-MAX2067 Datasheet
299Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 4/08
MAX2064 MAXIM-MAX2064 Datasheet
3Mb / 20P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 12/10
logo
RF Micro Devices
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
CGA-7718Z RFMD-CGA-7718Z_12 Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
Qorvo, Inc
CGA-7718Z QORVO-CGA-7718Z Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
RF Micro Devices
CGA-1518Z RFMD-CGA-1518Z Datasheet
485Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com