Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6355TZUT-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6355TZUT-T
Description  Dual/Triple-Voltage μP Supervisory Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6355TZUT-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6355TZUT-T Datasheet HTML 1Page - Maxim Integrated Products MAX6355TZUT-T Datasheet HTML 2Page - Maxim Integrated Products MAX6355TZUT-T Datasheet HTML 3Page - Maxim Integrated Products MAX6355TZUT-T Datasheet HTML 4Page - Maxim Integrated Products MAX6355TZUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX6355TZUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX6355TZUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX6355TZUT-T Datasheet HTML 8Page - Maxim Integrated Products MAX6355TZUT-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Dual/Triple-Voltage
µP Supervisory Circuits
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC1 = VCC2 = +1.2V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Reset Threshold Tempco
∆VTH/°C
20
ppm/°C
Reset Threshold Hysteresis
VTH/500
V
VCC to Reset Delay
100mV overdrive
20
µs
Reset Timeout Period
tRP
VCC1 > VTH1 (MAX), VCC2 > VTH2 (MAX)
100
180
280
ms
VCC1 or VCC2
≥ 2.7V, ISINK = 1.2mA
0.3
VCC1 or VCC2
≥ 4.5V, ISINK = 3.2mA
0.4
VCC1 or VCC2
≥ 1V, ISINK = 50µA,
TA = 0°C to +70°C
0.3
RESET Output Voltage Low
VOL
VCC1 or VCC2
≥ 1.2V, ISINK = 50µA;
TA = -40°C to +85°C
0.3
V
(_W, _V versions only),
VCC1 > VTH1(MAX),
VCC2 > VTH2(MAX)
ISOURCE = 350µA
0.8
× VCC
(_Y versions only),
VCC1 > VTH1(MAX),
VCC2 > VTH2(MAX)
ISOURCE = 500µA
0.8
× VCC
RESET Output Voltage High
(MAX6351/MAX6353/MAX6354/
MAX6356/MAX6357/MAX6359/
MAX6360 only)
VOH
(_T, _S, _R versions only),
VCC1 > VTH1(MAX),
VCC2 > VTH2(MAX)
ISOURCE = 800µA
VCC - 1.5
V
WATCHDOG INPUT (MAX6358/MAX6359/MAX6360)
First timeout period after reset
25.6
46.4
72.0
Watchdog Timeout Period
tWD
After first WDI falling edge
1.6
2.9
4.5
s
WDI Pulse Width (Note 4)
tWDI
VIL = 0.4V, VIH = 0.8 x VCC
50
ns
VIL
0.3 x VCC
WDI Input Voltage (Note 5)
VIH
VCC1 = 5V
0.7 x VCC
V
VWDI = VCC
120
160
WDI Input Current (Note 6)
VWDI = 0
-20
-15
µA
MANUAL RESET INPUT
VIL
MAX63_ _L_, MAX63_ _M_, VCC1 > VTH1(MAX)
0.8
VIH
MAX63_ _L_, MAX63_ _M_, VCC1 > VTH1(MAX)
2.3
VIL
MAX63_ _ _Y, VCC1 > VTH1(MAX)
0.3 x VCC
MR Input Voltage
VIH
MAX63_ _ _Y, VCC1 > VTH1(MAX)
0.7 x VCC
V


Similar Part No. - MAX6355TZUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6355TYUK-T MAXIM-MAX6355TYUK-T Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
MAX6355TYUT-T MAXIM-MAX6355TYUT-T Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
More results

Similar Description - MAX6355TZUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6730A MAXIM-MAX6730A Datasheet
459Kb / 16P
   Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output
Rev 0; 8/06
MAX6710KUT MAXIM-MAX6710KUT Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
Rev 2; 12/05
MAX705 MAXIM-MAX705_10 Datasheet
169Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 8; 3/10
MAX706RESA-T MAXIM-MAX706RESA-T Datasheet
229Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 9; 1/13
MAX708ESA MAXIM-MAX708ESA Datasheet
229Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 9; 1/13
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6351 MAXIM-MAX6351 Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com