Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH3NPN4R7MM0p Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH3NPN4R7MM0p
Description  Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH3NP_M0 Series (1212 Size)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH3NPN4R7MM0p Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH3NPN4R7MM0p Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH3NPN4R7MM0p Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
1
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2011.5.12
Inductors (Coils) > Chip Inductor (Chip Coil) > Power Inductor (Wire Wound Type)
2.7
±0.2
3.0
±0.2
0.9
±0.2
0.9
±0.2
1.2
±0.2
(in mm)
Polarity Marking
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP_M0 Series (1212 Size)
I Dimensions
I Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
1000
K
330mm Embossed Tape
4000
I Rated Value (p: packaging code)
Part Number
Inductance
Rated Current
(Based on Inductance Change)
Rated Current
(Based on Temperature Rise)
DC Resistance
Self Resonance
Frequency (min.)
LQH3NPN1R0MM0p
1.0
µH±20%
1400mA
2050mA
0.044ohm
±20%
130MHz
LQH3NPN1R0NM0p
1.0
µH±30%
1400mA
2050mA
0.044ohm
±20%
130MHz
LQH3NPN2R2MM0p
2.2
µH±20%
1250mA
1600mA
0.073ohm
±20%
90MHz
LQH3NPN2R2NM0p
2.2
µH±30%
1250mA
1600mA
0.073ohm
±20%
90MHz
LQH3NPN3R3MM0p
3.3
µH±20%
1000mA
1450mA
0.092ohm
±20%
75MHz
LQH3NPN3R3NM0p
3.3
µH±30%
1000mA
1450mA
0.092ohm
±20%
75MHz
LQH3NPN4R7MM0p
4.7
µH±20%
880mA
1250mA
0.13ohm
±20%
65MHz
LQH3NPN4R7NM0p
4.7
µH±30%
880mA
1250mA
0.13ohm
±20%
65MHz
LQH3NPN6R8MM0p
6.8
µH±20%
820mA
1000mA
0.20ohm
±20%
50MHz
LQH3NPN6R8NM0p
6.8
µH±30%
820mA
1000mA
0.20ohm
±20%
50MHz
LQH3NPN100MM0p
10
µH±20%
550mA
870mA
0.26ohm
±20%
45MHz
LQH3NPN100NM0p
10
µH±30%
550mA
870mA
0.26ohm
±20%
45MHz
LQH3NPN150MM0p
15
µH±20%
520mA
730mA
0.36ohm
±20%
30MHz
LQH3NPN150NM0p
15
µH±30%
520mA
730mA
0.36ohm
±20%
30MHz
LQH3NPN220MM0p
22
µH±20%
410mA
650mA
0.51ohm
±20%
28MHz
LQH3NPN330MM0p
33
µH±20%
370mA
500mA
0.85ohm
±20%
22MHz
LQH3NPN470MM0p
47
µH±20%
310mA
410mA
1.25ohm
±20%
18MHz
LQH3NPN101MM0p
100
µH±20%
200mA
240mA
3.50ohm
±20%
12MHz
Test Frequency: 1MHz
Class of Magnetic Shield: Magnetic shield of magnetic powder in resin
Operating Temperature Range (Self-temperature rise is included): -40 to +125
°C
Operating Temperature Range (Self-temperature rise is not included): -40 to +85
°C
Only for reflow soldering.
*1 When Rated Current is applied to the Products, Inductance will be within
±30% of nominal Inductance value.
*2 When Rated Current is applied to the Products, self-generation of heat will rise to 40
°C or less.
Continued on the following page.


Similar Part No. - LQH3NPN4R7MM0p

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH3NPN4R7MM0 MURATA-LQH3NPN4R7MM0 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results

Similar Description - LQH3NPN4R7MM0p

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH3NPN1R0MM0L MURATA-LQH3NPN1R0MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH3NP_M0 Series
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Manufacturing Co...
LQH5BPN1R5NT0L MURATA-LQH5BPN1R5NT0L Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH88P MURATA-LQH88P Datasheet
76Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH43PN1R0N26 MURATA-LQH43PN1R0N26 Datasheet
82Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH6PP MURATA-LQH6PP Datasheet
75Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com