Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF1206S1.25 Datasheet(PDF) 1 Page - Protek Devices

Part # PF1206S1.25
Description  slow blow chip fuses
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PF1206S1.25 Datasheet(HTML) 1 Page - Protek Devices

  PF1206S1.25 Datasheet HTML 1Page - Protek Devices PF1206S1.25 Datasheet HTML 2Page - Protek Devices PF1206S1.25 Datasheet HTML 3Page - Protek Devices PF1206S1.25 Datasheet HTML 4Page - Protek Devices PF1206S1.25 Datasheet HTML 5Page - Protek Devices PF1206S1.25 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05424.R0 6/13
Page 1
PF1206S Series
Slow blow chiP FuSeS
DeScRiPtion
The PF1206S Series are slow blow, high inrush chip fuses that are designed to protect consumer electronics, comput-
ers and telecommincations equipment and devices from the risk of fire or shock caused by over-currents.
The PF1206S Series is available in a rugged ceramic and glass package. These devices have excellent environmental
performance.
FeatuReS
• High Inrush Current Withstanding Capability
• Compatible with Reflow and Wave Solder
• Excellent Environmental Performance
• RoHS & REACH Compliant
• Halogen-Free Material
• Life Test: MIL-STD-202, Method 108D
• Humidity Bias: MIL-STD-202, Method 103
• Moisture Resistance Test: MIL-STD-202, Method 106G
• Thermal Shock: MIL-STD-202, Method 107G
• Terminal Strength: AEC-Q200-006
• Board Flex: AEC-Q200-005
• Vibration: MIL-STD-202, Method 204C
• Mechanical Shock: MIL-STD-202, Method 213C
• Solderability: ANSI/J-STD-002
• Resistance to Solder Heat: MIL-STD-202, Method 210B
• Resistance to Solvents Test: MIL-STD-202, Method 216
aPPlicationS
• Telecommications Equipment - DSL/Cable Modems
• SMART Phones and other Handheld Devices
• Computers - Laptops, Desktops, Servers
• Computer Peripherials - Printers, LCD Panels, Scanners
• Consumer Electronics - DVD Player, MP3/MP4 Players
Mechanical chaRacteRiSticS
• Ceramic and Glass Package
• Approximate Weight: 0.009 grams
• Lead-Free
• Soldering Method
Wave Soldering: 260°C, 10s Max
Reflow Soldering: 260°C, 30s Max
electRical chaRacteRiSticS
aMPeRe Rating
% oF aMP Rating
oPening tiMe
1A-7A
100%
4 Hours Minimum
1A-7A
200%
1 ~ 120 Seconds
1A-7A
300%
0.1 ~ 3 Seconds
1A-7A
800%
0.002 ~ 0.05 Seconds
FuSe


Similar Part No. - PF1206S1.25

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PF1206S PROTEC-PF1206S_15 Datasheet
482Kb / 6P
   SLOW BLOW CHIP FUSES
More results

Similar Description - PF1206S1.25

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1206SFS400F MACOM-1206SFS400F Datasheet
213Kb / 8P
   Slow-Blow Chip Fuses
651886 MACOM-651886 Datasheet
213Kb / 8P
   Slow-Blow Chip Fuses
logo
Protek Devices
PF1206S PROTEC-PF1206S_15 Datasheet
482Kb / 6P
   SLOW BLOW CHIP FUSES
PF0603S PROTEC-PF0603S_15 Datasheet
479Kb / 6P
   SLOW BLOW FUSES
PF0603S PROTEC-PF0603S Datasheet
476Kb / 6P
   slow blow fuses
logo
Bourns Electronic Solut...
SF-1206S050-2 BOURNS-SF-1206S050-2 Datasheet
353Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S050 BOURNS-SF-0603S050 Datasheet
368Kb / 4P
   Slow Blow Surface Mount Fuses
SF-1206S BOURNS-SF-1206S Datasheet
415Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S BOURNS-SF-0603S Datasheet
364Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0402S BOURNS-SF-0402S Datasheet
366Kb / 4P
   Slow Blow Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com