Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF1206S5.5 Datasheet(PDF) 5 Page - Protek Devices

Part # PF1206S5.5
Description  slow blow chip fuses
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PF1206S5.5 Datasheet(HTML) 5 Page - Protek Devices

  PF1206S5.5 Datasheet HTML 1Page - Protek Devices PF1206S5.5 Datasheet HTML 2Page - Protek Devices PF1206S5.5 Datasheet HTML 3Page - Protek Devices PF1206S5.5 Datasheet HTML 4Page - Protek Devices PF1206S5.5 Datasheet HTML 5Page - Protek Devices PF1206S5.5 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05424.R0 6/13
Page 5
PF1206S Series
taPe anD Reel
oRDeRing inFoRMation
baSe PaRt nuMbeR
(xx = voltage)
leaDFRee SuFFiX
taPe SuFFiX
Qty/Reel
Reel SiZe
tube Qty
PF1206Sxx
N/A
-T7
3,000
7”
N/A
This device is only available in a Lead-Free configuration.
SPeciFicationS
Reel Dia.
taPe
wiDth
a0
b0
k0
D
e
F
w
P0
P2
P
tmax
178mm (7”)
8mm
1.50 ± 0.10 3.09 ± 0.10 0.51 ± 0.10 1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.30 4.00 ± 0.10 2.00 ± 0.05 4.00 ± 0.10
0.25
noteS
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T7 = 7” Reel - 3,000 pieces per 8mm tape.
4. Marking on Part - marking code.
10 Pitches Cumulative
Tolerance on tape ± 0.2
W
F
B0
E
P2
P0
D
P
A0
K0
t
User Direction of Feed
Top Cover
Tape


Similar Part No. - PF1206S5.5

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PF1206S PROTEC-PF1206S_15 Datasheet
482Kb / 6P
   SLOW BLOW CHIP FUSES
More results

Similar Description - PF1206S5.5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1206SFS400F MACOM-1206SFS400F Datasheet
213Kb / 8P
   Slow-Blow Chip Fuses
651886 MACOM-651886 Datasheet
213Kb / 8P
   Slow-Blow Chip Fuses
logo
Protek Devices
PF1206S PROTEC-PF1206S_15 Datasheet
482Kb / 6P
   SLOW BLOW CHIP FUSES
PF0603S PROTEC-PF0603S_15 Datasheet
479Kb / 6P
   SLOW BLOW FUSES
PF0603S PROTEC-PF0603S Datasheet
476Kb / 6P
   slow blow fuses
logo
Bourns Electronic Solut...
SF-1206S050-2 BOURNS-SF-1206S050-2 Datasheet
353Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S050 BOURNS-SF-0603S050 Datasheet
368Kb / 4P
   Slow Blow Surface Mount Fuses
SF-1206S BOURNS-SF-1206S Datasheet
415Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S BOURNS-SF-0603S Datasheet
364Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0402S BOURNS-SF-0402S Datasheet
366Kb / 4P
   Slow Blow Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com