Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0603FR-071K5L Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RC0603FR-071K5L
Description  This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC0603FR-071K5L Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  RC0603FR-071K5L Datasheet HTML 1Page - List of Unclassifed Manufacturers RC0603FR-071K5L Datasheet HTML 2Page - List of Unclassifed Manufacturers RC0603FR-071K5L Datasheet HTML 3Page - List of Unclassifed Manufacturers RC0603FR-071K5L Datasheet HTML 4Page - List of Unclassifed Manufacturers RC0603FR-071K5L Datasheet HTML 5Page - List of Unclassifed Manufacturers RC0603FR-071K5L Datasheet HTML 6Page - List of Unclassifed Manufacturers RC0603FR-071K5L Datasheet HTML 7Page - List of Unclassifed Manufacturers RC0603FR-071K5L Datasheet HTML 8Page - List of Unclassifed Manufacturers RC0603FR-071K5L Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Apr 24, 2009 V.4
Product specification
8
9
SERIES
RC
0603 (RoHS Compliant)
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Intermittent
Overload
IEC 60115-1 4.39
2.5 times of rated voltage or maximum
overload voltage whichever is less for 1 second
on and 25 seconds off; total 10,000 cycles
±(1.0%+0.05 Ω) for 1% tol.
±(2.0%+0.05 Ω) for 5% tol.
<100 mΩ for Jumper
Solderability
- Wetting
IPC/JEDEC J-STD-002B test B
Electrical Test not required
Magnification 50X
SMD conditions:
1st step: method B, aging 4 hours at 155 °C
dry heat
2nd step: leadfree solder bath at 245±3 °C
Dipping time: 3±0.5 seconds
Well tinned (≥95% covered)
No visible damage
- Leaching
IPC/JEDEC J-STD-002B test D
Leadfree solder, 260 °C, 30 seconds
immersion time
No visible damage
- Resistance to
Soldering Heat
IEC 60068-2-58
Condition B, no pre-heat of samples
Leadfree solder, 260 °C, 10 seconds
immersion time
Procedure 2 for SMD: devices fluxed and
cleaned with isopropanol
±(0.5%+0.05 Ω) for 1% tol .
±(1.0%+0.05 Ω) for 5% tol.
<50 mΩ for Jumper
No visible damage


Similar Part No. - RC0603FR-071K5L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0603FR-071K YAGEO-RC0603FR-071K Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-071K8L YAGEO-RC0603FR-071K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS RC0603 RoHS compliant
logo
Texas Instruments
RC0603FR-071KL TI1-RC0603FR-071KL Datasheet
343Kb / 12P
[Old version datasheet]   TPA2025D1 Audio Power Amplifier Evaluation Module
logo
Recom International Pow...
RC0603FR-071KL RECOM-RC0603FR-071KL Datasheet
407Kb / 6P
   Evaluation platform for RPL-3.0 Buck Regulator Module
logo
Infineon Technologies A...
RC0603FR-071KL INFINEON-RC0603FR-071KL Datasheet
731Kb / 26P
   iMOTION™ Modular Application Design Kit
Revision 1.0 2017-05-22
More results

Similar Description - RC0603FR-071K5L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC0603FR-0749R9L ETC2-RC0603FR-0749R9L Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-072KL ETC2-RC0603FR-072KL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-07100RL ETC2-RC0603FR-07100RL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-072M2L ETC2-RC0603FR-072M2L Datasheet
764Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-075K1L ETC2-RC0603FR-075K1L Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603JR-0712RL ETC2-RC0603JR-0712RL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-076K34L ETC2-RC0603FR-076K34L Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-07120KL ETC2-RC0603FR-07120KL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-07453RL ETC2-RC0603FR-07453RL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-07430RL ETC2-RC0603FR-07430RL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com