Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0603FR-072KL Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RC0603FR-072KL
Description  This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC0603FR-072KL Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  RC0603FR-072KL Datasheet HTML 1Page - List of Unclassifed Manufacturers RC0603FR-072KL Datasheet HTML 2Page - List of Unclassifed Manufacturers RC0603FR-072KL Datasheet HTML 3Page - List of Unclassifed Manufacturers RC0603FR-072KL Datasheet HTML 4Page - List of Unclassifed Manufacturers RC0603FR-072KL Datasheet HTML 5Page - List of Unclassifed Manufacturers RC0603FR-072KL Datasheet HTML 6Page - List of Unclassifed Manufacturers RC0603FR-072KL Datasheet HTML 7Page - List of Unclassifed Manufacturers RC0603FR-072KL Datasheet HTML 8Page - List of Unclassifed Manufacturers RC0603FR-072KL Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Apr 24, 2009 V.4
Product specification
7
9
SERIES
RC
0603 (RoHS Compliant)
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Board Flex/
Bending
IEC 60068-2-21
Chips mounted on a 90mm glass epoxy resin
PCB (FR4)
3 mm bending
Bending time: 60±5 seconds
±(1.0%+0.05 Ω) for 1%, 5% tol.
<50 mΩ for Jumper
No visible damage
Low
Temperature
Operation
IEC 60068-2-1
The resistor shall be subjected to a DC rated
voltage for 1.5 h-on, 0.5 h-off, at -55±3 °C
This constitutes shall be repeated for 96 hours
However the applied voltage shall not exceed
the maximum operating voltage
±(0.5%+0.05 Ω) for 1% tol .
±(1.0%+0.05 Ω) for 5% tol.
No visible damage
Insulation
Resistance
IEC 60115-1 4.6
Rated continuous overload voltage (RCOV)
for 1 minute
Type
RC0603
Voltage (DC)
100 V
≥10 GΩ
Dielectric
Withstand
Voltage
IEC 60115-1 4.7
Maximum voltage (Vrms) applied for 1 minute
Type
RC0603
Voltage (AC)
100 Vrms
No breakdown or flashover
Resistance to
Solvent
IPC/JEDEC J-STD-020D
lsopropylalcohol (C3H7OH) followed by
brushing
No smeared
Noise
IEC 60115-1 4.12
Maximum voltage (Vrms) applied
Resistors range
Value
R < 100 Ω
10 dB
100 Ω ≤ R < 1 KΩ
20 dB
1 KΩ ≤ R < 10 KΩ
30 dB
10 KΩ ≤ R < 100 KΩ
40 dB
100 KΩ ≤ R < 1 MΩ
46 dB
1 MΩ ≤ R ≤ 22 MΩ
48 dB
Biased Humidity
(steady state)
IEC 60115-1 4.37
Steady state for 1000 hours at 85 °C / 85% R.H.
Biased voltage: U = 10% of Pn (V)
Max = Umax.
No condensation on the devices, circulating air
±(1.0%+0.05 Ω) for 1% tol.
±(2.0%+0.05 Ω) for 5% tol.
<100 mΩ for Jumper


Similar Part No. - RC0603FR-072KL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
RC0603FR-072KL INFINEON-RC0603FR-072KL Datasheet
1Mb / 33P
   iMOTION™ Modular Application Design Kit
Revision 1.6 2018-11-27
RC0603FR-072KL INFINEON-RC0603FR-072KL Datasheet
1Mb / 41P
   iMOTION™ Modular Application Design Kit
Revision 1.6 2019-07-16
RC0603FR-072KL INFINEON-RC0603FR-072KL Datasheet
2Mb / 47P
   iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
More results

Similar Description - RC0603FR-072KL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC0603FR-0749R9L ETC2-RC0603FR-0749R9L Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-07100RL ETC2-RC0603FR-07100RL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-072M2L ETC2-RC0603FR-072M2L Datasheet
764Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-075K1L ETC2-RC0603FR-075K1L Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603JR-0712RL ETC2-RC0603JR-0712RL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-071K5L ETC2-RC0603FR-071K5L Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-076K34L ETC2-RC0603FR-076K34L Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-07120KL ETC2-RC0603FR-07120KL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-07453RL ETC2-RC0603FR-07453RL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-07430RL ETC2-RC0603FR-07430RL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com