Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0603FR-0710KL Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RC0603FR-0710KL
Description  Reducing environmentally hazarduous wastes, High component and equipment reliability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC0603FR-0710KL Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RC0603FR-0710KL Datasheet HTML 1Page - List of Unclassifed Manufacturers RC0603FR-0710KL Datasheet HTML 2Page - List of Unclassifed Manufacturers RC0603FR-0710KL Datasheet HTML 3Page - List of Unclassifed Manufacturers RC0603FR-0710KL Datasheet HTML 4Page - List of Unclassifed Manufacturers RC0603FR-0710KL Datasheet HTML 5Page - List of Unclassifed Manufacturers RC0603FR-0710KL Datasheet HTML 6Page - List of Unclassifed Manufacturers RC0603FR-0710KL Datasheet HTML 7Page - List of Unclassifed Manufacturers RC0603FR-0710KL Datasheet HTML 8Page - List of Unclassifed Manufacturers RC0603FR-0710KL Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Apr 24, 2009 V.4
Product specification
4
9
SERIES
RC
0603 (RoHS Compliant)
CONSTRUCTION
The resistor is constructed on top
of a high-grade ceramic body.
Internal metal electrodes are added
on each end to make the contacts to
the thick film resistive element. The
composition of the resistive element
is a noble metal imbedded into a
glass and covered by a second glass
to prevent environment influences.
The resistor is laser trimmed to the
rated resistance value. The resistor
is covered with a protective epoxy
coat, finally the two external
terminations (matte tin on Ni-
barrier) are added. See fig.4
DIMENSIONS
TYPE
RC0603
L (mm)
1.60 ±0.10
W (mm)
0.80 ±0.10
H (mm)
0.45 ±0.10
I1 (mm)
0.25 ±0.15
I2 (mm)
0.25 ±0.15
Table 1
overcoat
Primary glass layer
resistive layer
(Jumper chip is a conductor)
inner electrode
termination(Ni/matte tin)
ceramic substrate
H
I2
YNSC065
marking layer
overcoat
W
L
I1
O
OU
UT
TL
LIIN
NE
ES
S
For dimension see Table 1
Fig. 4 Chip resistor outlines
MARKING
RC0603
E-24 series: 3 digits
First two digits for significant figure and 3rd digit
for number of zeros
E-96 series: 3 digits for 0603 ±1% EIA-96 marking
method
For 0603 ±1% E-24 series, one short bar under
marking letter
For further marking information, please see special data sheet “Chip resistors marking”.
Fig. 1 Value = 10 KΩ
YNSC001
03
Fig. 2 Value = 12.4 KΩ
Fig. 3 E-24 1% Value = 56 KΩ
ynsc003
563


Similar Part No. - RC0603FR-0710KL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC0603FR-0710KL TI1-RC0603FR-0710KL Datasheet
2Mb / 47P
[Old version datasheet]   Performance Demonstration Kit for the ADS130E08
RC0603FR-0710KL TI1-RC0603FR-0710KL Datasheet
3Mb / 68P
[Old version datasheet]   EEG Front-End Performance Demonstration Kit
logo
Vishay Siliconix
RC0603FR-0710KL VISHAY-RC0603FR-0710KL Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
logo
Integrated Device Techn...
RC0603FR-0710KL IDT-RC0603FR-0710KL Datasheet
1Mb / 35P
   Wireless Power Receiver for 15W Applications
logo
Monolithic Power System...
RC0603FR-0710KL MPS-RC0603FR-0710KL Datasheet
551Kb / 4P
   2.7V - 13V Input, 1A, Step-Up Power Supply
More results

Similar Description - RC0603FR-0710KL

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WA06W WALSIN-WA06W Datasheet
245Kb / 8P
   Higher component and equipment reliability
WF12G WALSIN-WF12G Datasheet
261Kb / 7P
   Higher component and equipment reliability
WA02A WALSIN-WA02A Datasheet
233Kb / 7P
   Higher component and equipment reliability
WA02B WALSIN-WA02B Datasheet
227Kb / 7P
   Higher component and equipment reliability
WA06Y WALSIN-WA06Y Datasheet
220Kb / 8P
   Higher component and equipment reliability
WF12H WALSIN-WF12H Datasheet
222Kb / 6P
   Higher component and equipment reliability
WA04Y WALSIN-WA04Y Datasheet
409Kb / 7P
   Higher component and equipment reliability
WA06 WALSIN-WA06 Datasheet
577Kb / 9P
   Higher component and equipment reliability
WF10A WALSIN-WF10A Datasheet
601Kb / 7P
   Higher component and equipment reliability
WF10H WALSIN-WF10H Datasheet
221Kb / 7P
   Higher component and equipment reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com