Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0805FR-072K7L Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RC0805FR-072K7L
Description  This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC0805FR-072K7L Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RC0805FR-072K7L Datasheet HTML 1Page - List of Unclassifed Manufacturers RC0805FR-072K7L Datasheet HTML 2Page - List of Unclassifed Manufacturers RC0805FR-072K7L Datasheet HTML 3Page - List of Unclassifed Manufacturers RC0805FR-072K7L Datasheet HTML 4Page - List of Unclassifed Manufacturers RC0805FR-072K7L Datasheet HTML 5Page - List of Unclassifed Manufacturers RC0805FR-072K7L Datasheet HTML 6Page - List of Unclassifed Manufacturers RC0805FR-072K7L Datasheet HTML 7Page - List of Unclassifed Manufacturers RC0805FR-072K7L Datasheet HTML 8Page - List of Unclassifed Manufacturers RC0805FR-072K7L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Product specification
Chip Resistor Surface Mount
3
10
www.yageo.com
Sep 03, 2004 V.2
SERIES
RC
0805 (Pb Free)
DIMENSIONS
TYPE
RC0805
L (mm)
2.00 ±0.10
W (mm)
1.25 ±0.10
H (mm)
0.50 ±0.10
I1 (mm)
0.35 ±0.20
I2 (mm)
0.35 ±0.20
Table 1
resistance value. Finally, the two external terminations (pure Tin) are added. See fig. 3.
CONSTRUCTION
The resistors are constructed out of
a high-grade ceramic body. Internal
metal electrodes are added at each
end and connected by a resistive
paste. The composition of the paste
is adjusted to give the approximate
required resistance and laser cutting
of this resistive layer that achieves
tolerance trims the value. The
resistive layer is covered with a
protective coat and printed with the
MARKING
RC0805
E-24 series: 3 digits
First two digits for significant figure and 3rd digit for number of zeros
Both E-24 and E-96 series: 4 digits
First three digits for significant figure and 4th digit for number of zeros
For marking codes, please see EIA-marking code rules in data sheet “Chip resistors instruction”.
Fig. 1
Value=10 KΩ
ynsc001
Fig. 2 Value=10 KΩ
ynsc004
handbook, 4 columns
protective coat
resistor layer
inner electrode
end termination
ceramic substrate MBE940_a
H
I2
Fig. 3 Chip resistor construction
MBE940_a
protective coat
W
L
I1
Fig. 4 Chip resistor dimension
For dimension see Table 1


Similar Part No. - RC0805FR-072K7L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0805FR-072K2L YAGEO-RC0805FR-072K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
logo
Infineon Technologies A...
RC0805FR-072KL INFINEON-RC0805FR-072KL Datasheet
1Mb / 28P
   iMOTION™ Modular Application Design Kit
Revision 2.1 2018-07-09
RC0805FR-072KL INFINEON-RC0805FR-072KL Datasheet
967Kb / 30P
   iMOTION Modular Application Design Kit
Revision 1.2 2018-09-23
RC0805FR-072KL INFINEON-RC0805FR-072KL Datasheet
731Kb / 26P
   iMOTION™ Modular Application Design Kit
Revision 1.0 2017-05-22
RC0805FR-072KL INFINEON-RC0805FR-072KL Datasheet
1Mb / 41P
   iMOTION™ Modular Application Design Kit
Revision 1.4 2019-10-11
More results

Similar Description - RC0805FR-072K7L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC0805FR-078K87L ETC2-RC0805FR-078K87L Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-071KL ETC2-RC0805FR-071KL Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-072R2L ETC2-RC0805FR-072R2L Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-073K4L ETC2-RC0805FR-073K4L Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-0710KL ETC2-RC0805FR-0710KL Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-07360KL ETC2-RC0805FR-07360KL Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-0749R9L ETC2-RC0603FR-0749R9L Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC1206JR-075R6L ETC2-RC1206JR-075R6L Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lead-free terminations made by thick film process.
RC1206FR-0722KL ETC2-RC1206FR-0722KL Datasheet
433Kb / 9P
   This specification describes SCI206 series chip resistors with lead-free terminations made by thick film process
RC0603FR-072KL ETC2-RC0603FR-072KL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com