Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F0174 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT66F0174
Description  Enhanced A/D Flash 8-Bit MCU
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F0174 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT66F0174 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F0174 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F0174 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F0174 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F0174 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F0174 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F0174 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F0174 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F0174 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 115 page
background image
Rev. 1.00
10
���� 11� �01�
Rev. 1.00
11
���� 11� �01�
HT66F0172/HT66F0174
Enhanced A/D Flash 8-Bit MCU
Pin Name Function
OP
I/T
O/T
Description
PA6/AN5
PA6
PAPU
PAWU
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p
and wake-�p.
AN5
ACERL
AN
A/D channe� 5
PA7/TP1/
AN6
PA7
PAPU
PAWU
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p
and wake-�p.
TP1
TMPC
CMOS TM1 o�tp�t
AN6
ACERL
AN
A/D channe� 6
PB0/INT0/
AN0/XT1
PB0
PBPU
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p
INT0
INTC0
INTEG
ST
Externa� Interr�pt 0
AN0
ACERL
AN
A/D channe� 0
XT1
CO
LXT
LXT osci��ator pin
PB1/INT1/
AN1/XT�
PB1
PBPU
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p.
INT1
INTC�
INTEG
ST
Externa� Interr�pt 1
AN1
ARERL
ST
A/D channe� 1
XT�
CO
LXT
LXT osci��ator pin
PB�/TCK0/
AN�
PB�
PBPU
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p.
TCK0
TM0C0
ST
TM0 c�ock inp�t
AN�
ACERL
AN
A/D channe� �
PB�/AN7
PB�
PBPU
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p.
AN7
ACERL
AN
A/D channe� 7
PB4/CLO
PB4
PBPU
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p.
CLO
TMPC
CMOS S�stem C�ock O�tp�t
PB5
PB5
PBPU
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p.
PB6
PB6
PBPU
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p.
PC0/OSC1
PC0
PCPU
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p.
OSC1
CO
HXT
HXT osci��ator pin
PC1/OSC�
PC1
PCPU
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p.
OSC�
CO
HXT HXT osci��ator pin
PC�
PC�
PCPU
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p.
VSS
VSS
PWR
Negative power s�pp��� gro�nd
AVSS
AVSS
PWR
Gro�nd connection for A/D converter.
VDD
VDD
PWR
Positive power s�pp��
AVDD
AVDD
PWR
Positive Power s�pp�� for A/D converter.
Note:I/T:Inputtype;
O/T:Outputtype.
OP:Optionalbyconfigurationoption(CO)orregisteroption.
PWR:Power;
ST:SchmittTriggerinput.
CMOS:CMOSoutput;
AN:Analoginputpin.
HXT:Highfrequencycrystaloscillator.
LXT:Lowfrequencycrystaloscillator.


Similar Part No. - HT66F0174

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F017 HOLTEK-HT66F017 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F0175 HOLTEK-HT66F0175 Datasheet
6Mb / 207P
   A/D Flash MCU with EEPROM
HT66F0176 HOLTEK-HT66F0176 Datasheet
6Mb / 165P
   A/D Flash MCU with EEPROM
HT66F017L HOLTEK-HT66F017L Datasheet
5Mb / 128P
   0.9V Battery Flash A/D Type 8-Bit MCU
More results

Similar Description - HT66F0174

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66FB30 HOLTEK-HT66FB30_12 Datasheet
240Kb / 26P
   Enhanced A/D Flash Type 8-Bit MCU
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_10 Datasheet
1Mb / 246P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1109 HOLTEK-HT66F20_1109 Datasheet
2Mb / 244P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_11 Datasheet
2Mb / 259P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F60A HOLTEK-HT66F60A Datasheet
8Mb / 237P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_13 Datasheet
10Mb / 298P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F0182 HOLTEK-HT66F0182 Datasheet
6Mb / 116P
   A/D 8-Bit Flash MCU
HT46R068B HOLTEK-HT46R068B_15 Datasheet
4Mb / 135P
   Enhanced A/D 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com