Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0603H Datasheet(PDF) 5 Page - Protek Devices

Part # PF0603H
Description  HIGH INRUSH fus es
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PF0603H Datasheet(HTML) 5 Page - Protek Devices

  PF0603H Datasheet HTML 1Page - Protek Devices PF0603H Datasheet HTML 2Page - Protek Devices PF0603H Datasheet HTML 3Page - Protek Devices PF0603H Datasheet HTML 4Page - Protek Devices PF0603H Datasheet HTML 5Page - Protek Devices PF0603H Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05421.R0 6/13
Page 5
PF0603H Series
taPe aND Reel
oRDeRING INFoRMatIoN
BaSe PaRt NUMBeR
(xx = voltage)
leaDFRee SUFFIX
taPe SUFFIX
Qty/Reel
Reel SIZe
tUBe Qty
PF0603Hxx
N/A
-T7
5,000
7”
N/A
This device is only available in a Lead-Free configuration.
SPecIFIcatIoNS
Reel DIa.
taPe
WIDtH
a0
B0
k0
D
e
F
W
P0
P2
P
tmax
178mm (7”)
8mm
1.05 ± 0.10 1.97 ± 0.10 0.51 ± 0.10 1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.30 4.00 ± 0.10 2.00 ± 0.05 4.00 ± 0.10
0.25
NoteS
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T7 = 7” Reel - 5,000 pieces per 8mm tape.
4. Marking on Part - marking code.
10 Pitches Cumulative
Tolerance on tape ± 0.2
W
F
B0
E
P2
P0
D
P
A0
K0
t
User Direction of Feed
Top Cover
Tape


Similar Part No. - PF0603H

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PF0603H PROTEC-PF0603H_15 Datasheet
477Kb / 6P
   HIGH INRUSH FUSES
More results

Similar Description - PF0603H

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PF1206H PROTEC-PF1206H Datasheet
480Kb / 6P
   HIGH INRUSH fus es
logo
GOOD-ARK Electronics
S0603H GOOD-ARK-S0603H Datasheet
272Kb / 2P
   High inrush
logo
Protek Devices
PF1206H PROTEC-PF1206H_15 Datasheet
482Kb / 6P
   HIGH INRUSH FUSES
PF0603H PROTEC-PF0603H_15 Datasheet
477Kb / 6P
   HIGH INRUSH FUSES
logo
Copal Electronics
ELE120AY-3-Z COPAL-ELE120AY-3-Z Datasheet
224Kb / 2P
   High Inrush Lever Switches
logo
Schurter Inc.
FIZ SCHURTER-FIZ_V02 Datasheet
201Kb / 2P
   Insulation Cover for FIZ, FUL,FUS
04.01.2022
logo
Copal Electronics
SL220SD-15-Z COPAL-SL220SD-15-Z Datasheet
175Kb / 1P
   High Inrush Lever Switches
logo
Bourns Electronic Solut...
SF-2410HI-T BOURNS-SF-2410HI-T Datasheet
533Kb / 7P
   High Inrush SMD Fuses
SF-1206HIXXXM BOURNS-SF-1206HIXXXM_19 Datasheet
383Kb / 6P
   High Inrush Multilayer Surface Mount Fuses
logo
Tyco Electronics
MSR MACOM-MSR_05 Datasheet
174Kb / 3P
   High inrush currents with AgSnO contacts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com