Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0603S1.5 Datasheet(PDF) 2 Page - Protek Devices

Part # PF0603S1.5
Description  slow blow fuses
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PF0603S1.5 Datasheet(HTML) 2 Page - Protek Devices

  PF0603S1.5 Datasheet HTML 1Page - Protek Devices PF0603S1.5 Datasheet HTML 2Page - Protek Devices PF0603S1.5 Datasheet HTML 3Page - Protek Devices PF0603S1.5 Datasheet HTML 4Page - Protek Devices PF0603S1.5 Datasheet HTML 5Page - Protek Devices PF0603S1.5 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05422.R0 6/13
Page 2
PF0603S Series
tyPical Device chaRacteRiSticS
electRical SPeciFicationS
PaRt
nuMbeR
MaRking
coDe
cuRRent
Rating
aMPS
voltage
Rating
Dc
inteRRuPting
Rating
(note 1)
Dc
aMPS
tyPical
ReSiStance
(note 2)
ohMS
tyPical
Melt i2t
(note 3)
Dc (a2s)
PF0603S1
H
1.00
32
35
0.25
0.09
PF0603S1.5
K
1.50
32
35
0.13
0.19
PF0603S2
N
2.00
32
35
0.07
0.30
PF0603S2.5
O
2.50
32
35
0.05
0.61
PF0603S3
P
3.00
32
35
0.035
0.83
PF0603S3.5
R
3.50
32
35
0.024
1.23
PF0603S4
S
4.00
32
35
0.02
2.22
PF0603S4.5
X
4.50
32
35
0.016
2.74
PF0603S5
T
5.00
32
35
0.013
3.40
noteS
1. DC Interrupting Rating - measured at rated voltage, time constant of less than 50 microseconds, battery source.
2. DC Cold Resistance - measured at 10% of rated current.
3. Typical Melting I2t - measured with a battery bank at rated DC voltage and at 0.001 second clear time, time constant of calirated circuit less than 50 microseconds. Device designed to
carry rated current for four hours minimum. An operating current of 75% or less of rated current is recommended, with further derating required at elevated ambient temperatures.


Similar Part No. - PF0603S1.5

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PF0603S PROTEC-PF0603S_15 Datasheet
479Kb / 6P
   SLOW BLOW FUSES
More results

Similar Description - PF0603S1.5

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PF0603S PROTEC-PF0603S_15 Datasheet
479Kb / 6P
   SLOW BLOW FUSES
PF1206S7 PROTEC-PF1206S7 Datasheet
482Kb / 6P
   slow blow chip fuses
logo
Tyco Electronics
1206SFS400F MACOM-1206SFS400F Datasheet
213Kb / 8P
   Slow-Blow Chip Fuses
651886 MACOM-651886 Datasheet
213Kb / 8P
   Slow-Blow Chip Fuses
logo
Protek Devices
PF1206S PROTEC-PF1206S_15 Datasheet
482Kb / 6P
   SLOW BLOW CHIP FUSES
logo
Bourns Electronic Solut...
SF-1206S050-2 BOURNS-SF-1206S050-2 Datasheet
353Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S050 BOURNS-SF-0603S050 Datasheet
368Kb / 4P
   Slow Blow Surface Mount Fuses
SF-1206S BOURNS-SF-1206S Datasheet
415Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S BOURNS-SF-0603S Datasheet
364Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0402S BOURNS-SF-0402S Datasheet
366Kb / 4P
   Slow Blow Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com