Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQW15AN7N2G80 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # LQW15AN7N2G80
Description  Inductance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQW15AN7N2G80 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  LQW15AN7N2G80 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQW15AN7N2G80 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQW15AN7N2G80 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQW15AN7N2G80 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LQW15AN7N2G80 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LQW15AN7N2G80 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQW15AN7N2G80 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
5
RF Inductors (Coils)
2013.7.8
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Continued from the preceding page.
Part Number
Inductance
Inductance
test frequency
Rated current
Max. of DC resistance
Q (min.)
Q test frequency
Self resonance
frequency (min.)
LQW15AN9N2J80
p
9.2nH
±5%
100MHz
1400mA
0.081
Ω
32
250MHz
6GHz
LQW15AN9N3G80
p
9.3nH
±2%
100MHz
1400mA
0.081
Ω
34
250MHz
6GHz
LQW15AN9N3J80
p
9.3nH
±5%
100MHz
1400mA
0.081
Ω
34
250MHz
6GHz
LQW15AN9N4G80
p
9.4nH
±2%
100MHz
1400mA
0.081
Ω
33
250MHz
6GHz
LQW15AN9N4J80
p
9.4nH
±5%
100MHz
1400mA
0.081
Ω
33
250MHz
6GHz
LQW15AN9N5G80
p
9.5nH
±2%
100MHz
1400mA
0.081
Ω
32
250MHz
6GHz
LQW15AN9N5J80
p
9.5nH
±5%
100MHz
1400mA
0.081
Ω
32
250MHz
6GHz
LQW15AN9N6G80
p
9.6nH
±2%
100MHz
1400mA
0.081
Ω
33
250MHz
6GHz
LQW15AN9N6J80
p
9.6nH
±5%
100MHz
1400mA
0.081
Ω
33
250MHz
6GHz
LQW15AN9N7G80
p
9.7nH
±2%
100MHz
1400mA
0.081
Ω
33
250MHz
6GHz
LQW15AN9N7J80
p
9.7nH
±5%
100MHz
1400mA
0.081
Ω
33
250MHz
6GHz
LQW15AN9N8G80
p
9.8nH
±2%
100MHz
1400mA
0.081
Ω
34
250MHz
6GHz
LQW15AN9N8J80
p
9.8nH
±5%
100MHz
1400mA
0.081
Ω
34
250MHz
6GHz
LQW15AN9N9G80
p
9.9nH
±2%
100MHz
1400mA
0.081
Ω
32
250MHz
6GHz
LQW15AN9N9J80
p
9.9nH
±5%
100MHz
1400mA
0.081
Ω
32
250MHz
6GHz
LQW15AN10NG80
p
10nH
±2%
100MHz
1400mA
0.081
Ω
31
250MHz
6GHz
LQW15AN10NJ80
p
10nH
±5%
100MHz
1400mA
0.081
Ω
31
250MHz
6GHz
LQW15AN12NG80
p
12nH
±2%
100MHz
1240mA
0.093
Ω
30
250MHz
5.2GHz
LQW15AN12NJ80
p
12nH
±5%
100MHz
1240mA
0.093
Ω
30
250MHz
5.2GHz
LQW15AN13NG80
p
13nH
±2%
100MHz
1240mA
0.093
Ω
30
250MHz
5.2GHz
LQW15AN13NJ80
p
13nH
±5%
100MHz
1240mA
0.093
Ω
30
250MHz
5.2GHz
LQW15AN14NG80
p
14nH
±2%
100MHz
1150mA
0.111
Ω
31
250MHz
5.2GHz
LQW15AN14NJ80
p
14nH
±5%
100MHz
1150mA
0.111
Ω
31
250MHz
5.2GHz
LQW15AN16NG80
p
16nH
±2%
100MHz
1000mA
0.126
Ω
31
250MHz
5GHz
LQW15AN16NJ80
p
16nH
±5%
100MHz
1000mA
0.126
Ω
31
250MHz
5GHz
LQW15AN20NG80
p
20nH
±2%
100MHz
800mA
0.186
Ω
30
250MHz
4.5GHz
LQW15AN20NJ80
p
20nH
±5%
100MHz
800mA
0.186
Ω
30
250MHz
4.5GHz
LQW15AN21NG80
p
21nH
±2%
100MHz
780mA
0.202
Ω
30
250MHz
4.5GHz
LQW15AN21NJ80
p
21nH
±5%
100MHz
780mA
0.202
Ω
30
250MHz
4.5GHz
LQW15AN22NG80
p
22nH
±2%
100MHz
780mA
0.202
Ω
30
250MHz
4.5GHz
LQW15AN22NJ80
p
22nH
±5%
100MHz
780mA
0.202
Ω
30
250MHz
4.5GHz
LQW15AN23NG80
p
23nH
±2%
100MHz
760mA
0.201
Ω
29
250MHz
4.5GHz
LQW15AN23NJ80
p
23nH
±5%
100MHz
760mA
0.201
Ω
29
250MHz
4.5GHz
LQW15AN24NG80
p
24nH
±2%
100MHz
770mA
0.212
Ω
31
250MHz
4GHz
LQW15AN24NJ80
p
24nH
±5%
100MHz
770mA
0.212
Ω
31
250MHz
4GHz
LQW15AN25NG80
p
25nH
±2%
100MHz
750mA
0.221
Ω
31
250MHz
4.1GHz
LQW15AN25NJ80
p
25nH
±5%
100MHz
750mA
0.221
Ω
31
250MHz
4.1GHz
LQW15AN26NG80
p
26nH
±2%
100MHz
720mA
0.282
Ω
29
250MHz
4.1GHz
LQW15AN26NJ80
p
26nH
±5%
100MHz
720mA
0.282
Ω
29
250MHz
4.1GHz
LQW15AN27NG80
p
27nH
±2%
100MHz
680mA
0.288
Ω
30
250MHz
4GHz
LQW15AN27NJ80
p
27nH
±5%
100MHz
680mA
0.288
Ω
30
250MHz
4GHz
LQW15AN30NG80
p
30nH
±2%
100MHz
660mA
0.309
Ω
30
250MHz
3.8GHz
LQW15AN30NJ80
p
30nH
±5%
100MHz
660mA
0.309
Ω
30
250MHz
3.8GHz
LQW15AN33NG80
p
33nH
±2%
100MHz
620mA
0.336
Ω
30
250MHz
3.6GHz
LQW15AN33NJ80
p
33nH
±5%
100MHz
620mA
0.336
Ω
30
250MHz
3.6GHz
Operating temperature range (Self-temperature rise is not included): -55
∼125℃
Only for reflow soldering.
Continued on the following page.


Similar Part No. - LQW15AN7N2G80

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW15AN7N2G80 MURATA-LQW15AN7N2G80 Datasheet
81Kb / 2P
   Inductance
LQW15AN7N2G80B MURATA-LQW15AN7N2G80B Datasheet
81Kb / 2P
   Inductance
LQW15AN7N2G80D MURATA-LQW15AN7N2G80D Datasheet
81Kb / 2P
   Inductance
More results

Similar Description - LQW15AN7N2G80

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP02TN27NJ02 MURATA-LQP02TN27NJ02 Datasheet
68Kb / 2P
   Inductance
LQP02TN1N8B02 MURATA-LQP02TN1N8B02 Datasheet
68Kb / 2P
   Inductance
LQP03TG27NJ02 MURATA-LQP03TG27NJ02 Datasheet
72Kb / 2P
   Inductance
LQP03TG22NH02 MURATA-LQP03TG22NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG15NH02 MURATA-LQP03TG15NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG2N1B02 MURATA-LQP03TG2N1B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG1N0B02 MURATA-LQP03TG1N0B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N7B02 MURATA-LQP03TG0N7B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N5B02 MURATA-LQP03TG0N5B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4C02 MURATA-LQP03TG0N4C02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4B02 MURATA-LQP03TG0N4B02 Datasheet
72Kb / 2P
   Inductance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com