Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL256P90TFCR20 Datasheet(PDF) 10 Page - SPANSION

Part # S29GL256P90TFCR20
Description  MirrorBit짰 Flash Family
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL256P90TFCR20 Datasheet(HTML) 10 Page - SPANSION

Back Button S29GL256P90TFCR20 Datasheet HTML 6Page - SPANSION S29GL256P90TFCR20 Datasheet HTML 7Page - SPANSION S29GL256P90TFCR20 Datasheet HTML 8Page - SPANSION S29GL256P90TFCR20 Datasheet HTML 9Page - SPANSION S29GL256P90TFCR20 Datasheet HTML 10Page - SPANSION S29GL256P90TFCR20 Datasheet HTML 11Page - SPANSION S29GL256P90TFCR20 Datasheet HTML 12Page - SPANSION S29GL256P90TFCR20 Datasheet HTML 13Page - SPANSION S29GL256P90TFCR20 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
10
S29GL-P MirrorBit® Flash Family
S29GL-P_00_A14 October 22, 2012
Da ta
Sh e e t
Recommended Combinations
Recommended Combinations list configurations planned to be supported in volume for this device. Consult
your local sales office to confirm availability of specific recommended combinations and to check on newly
released combinations.
Notes
1. Contact a local sales representative for availability.
2. TSOP package marking omits packing type designator from ordering part number.
3. BGA package marking omits leading “S29” and packing type designator from ordering part number.
4. Operating Temperature range: I = Industrial (–40°C to +85°C)
C = Commercial (0°C to +85°C)
5. Type 0 is standard. Specify other options as required.
S29GL-P Valid Combinations
Base Part
Number
Speed
Package (2)(3)
Temperature (4)
Model Number
Packing Type (5)
S29GL01GP
11
TA (1), TF
I, C
R1, R2
0, 3
12
I
01, 02
13
V1, V2
11
FA (1), FF
I, C
R1, R2
0, 2, 3
12
I
01, 02
13
V1, V2
S29GL512P
10
TA (1), TF
I, C
R1, R2
0, 3
11
I
01, 02
12
V1, V2
10
FA (1), FF
I, C
R1, R2
0, 2, 3
11
I
01, 02
12
V1, V2
S29GL128P,
S29GL256P
90
TA (1), TF
I, C
R1, R2
0, 3
10, 11
I
01, 02
11
V1, V2
90
FA (1), FF
I, C
R1, R2
0, 2, 3
10, 11
I
01, 02
11
V1, V2


Similar Part No. - S29GL256P90TFCR20

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL256P90TFI010 SPANSION-S29GL256P90TFI010 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL256P90TFI012 SPANSION-S29GL256P90TFI012 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL256P90TFIR10 SPANSION-S29GL256P90TFIR10 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL256P90TFIR12 SPANSION-S29GL256P90TFIR12 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL256P90TFIV10 SPANSION-S29GL256P90TFIV10 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results

Similar Description - S29GL256P90TFCR20

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL128P10TFI020 SPANSION-S29GL128P10TFI020 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
S29GL01GS11TFI020 SPANSION-S29GL01GS11TFI020 Datasheet
3Mb / 104P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL512S11DHI010 SPANSION-S29GL512S11DHI010 Datasheet
2Mb / 106P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL128S10TFI010 SPANSION-S29GL128S10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL01GS SPANSION-S29GL01GS Datasheet
3Mb / 104P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL128S10DHIV10 SPANSION-S29GL128S10DHIV10 Datasheet
906Kb / 106P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
logo
Silicon Laboratories
C8051F388 SILABS-C8051F388 Datasheet
4Mb / 285P
   Flash MCU Family
Rev. 1.2
logo
SPANSION
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
   MirrorBit Flash Family
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com