Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6285FS-E2 Datasheet(PDF) 3 Page - Rohm

Part # BA6285FS-E2
Description  1.0A Reversible Motor Drivers (Single Motor)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6285FS-E2 Datasheet(HTML) 3 Page - Rohm

  BA6285FS-E2 Datasheet HTML 1Page - Rohm BA6285FS-E2 Datasheet HTML 2Page - Rohm BA6285FS-E2 Datasheet HTML 3Page - Rohm BA6285FS-E2 Datasheet HTML 4Page - Rohm BA6285FS-E2 Datasheet HTML 5Page - Rohm BA6285FS-E2 Datasheet HTML 6Page - Rohm BA6285FS-E2 Datasheet HTML 7Page - Rohm BA6285FS-E2 Datasheet HTML 8Page - Rohm BA6285FS-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Technical Note
3/17
BA6956AN,BA6287F,BA6285FS,BA6285AFP-Y,BA6920FP-Y
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●Electrical characteristics (BA6285AFP-Y, unless otherwise specified, Ta=25℃ and VCC=9V, VM=9V, VREF=9V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Supply current 1
ICC1
10
20
30
mA
FWD/REV mode
Supply current 2
ICC2
21
42
63
mA
Brake mode
Standby current
IST
-
0
15
µA
Standby mode
Input threshold voltage H
VIH
2.0
-
VCC
V
Input threshold voltage L
VIL
0
-
0.8
V
Input bias current
IIH
40
80
120
µA
VIN=2V
Power save on voltage
VPSON
-
-
0.8
V
Operation
Power save off voltage
VPSOFF
2.0
-
VCC
V
Standby mode
Output saturation voltage
VCE
-
1.0
1.5
V
IO=0.2A, vertically total
VREF bias current
IREF
9
15
21
mA
IO=0.2A, FWD or REV mode
●Electrical characteristics (BA6920FP-Y, unless otherwise specified, Ta=25℃ and VCC=12V, VM=12V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Supply current 1
ICC1
5
8
12
mA
FWD/REV mode
Supply current 2
ICC2
3
5
8
mA
Brake mode
Standby current
IST
-
0
15
µA
Standby mode
Input threshold voltage H
VIH
3.0
-
VCC
V
Input threshold voltage L
VIL
0
-
0.8
V
Input bias current
IIH
100
200
300
µA
VIN=3V
Power save on voltage
VPSON
2.0
-
VCC
V
Standby mode
Power save off voltage
VPSOFF
-
-
0.8
V
Operation
Output saturation voltage
VCE
-
2.2
3.3
V
IO=0.2A, vertically total
VREF bias current
IREF
-
12
35
µA
IO=0.1A, VREF=6V


Similar Part No. - BA6285FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
   Reversible motor driver
BA6285FS ROHM-BA6285FS Datasheet
286Kb / 5P
   Reversible Motor Driver
BA6285FS ROHM-BA6285FS Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BA6285FS ROHM-BA6285FS Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS ROHM-BA6285FS Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
More results

Similar Description - BA6285FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6247FP-Y ROHM-BA6247FP-Y_11 Datasheet
265Kb / 12P
   1.0A or More Reversible Motor Drivers (2 Motors)
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
BA6956AN ROHM-BA6956AN_09 Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BD7931F-E2 ROHM-BD7931F-E2 Datasheet
396Kb / 11P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
   Reversible Motor Drivers for Output 0.5A 1 Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com