Electronic Components Datasheet Search |
|
BU21TD3WG-XTR Datasheet(PDF) 3 Page - Rohm |
|
BU21TD3WG-XTR Datasheet(HTML) 3 Page - Rohm |
3 / 12 page www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved. TSZ02201-0RBR0A300030-1-2 TSZ22111・15・001 3/9 17.JAN.2013.Rev.001 BUxxTD3WG series Datasheet ●Lineup ●Absolute Maximum Ratings (Ta=25°C) PARAMETER Symbol Limit Unit Power Supply Voltage VMAX -0.3 ~ +6.5 V Power Dissipation Pd 540(*1) mW Maximum junction temperature TjMAX +125 ℃ Operating Temperature Range Topr -40 ~ +85 ℃ Storage Temperature Range Tstg -55 ~ +125 ℃ (*1)Pd deleted at 5.4mW/℃ at temperatures above Ta=25℃, mounted on 70×70×1.6 mm glass-epoxy PCB. ● RECOMMENDED OPERATING RANGE (not to exceed Pd) PARAMETER Symbol Limit Unit Power Supply Voltage VIN 6.0 V Maximum Output Current IMAX 200 mA ●OPERATING CONDITIONS (*2)Make sure that the output capacitor value is not kept lower than this specified level across a variety of temperature, DC bias, changing as time progresses characteristic. PARAMETER Symbol MIN. TYP. MAX. Unit CONDITION Input Capacitor Cin 0.22(*2) 0.47 - μF Output Capacitor Co 0.22(*2) 0.47 - μF Ceramic capacitor recommended Marking F0 L6 F1 M0 L5 F2 F3 F4 F5 Output Voltage 1.0V 1.1V 1.2V 1.25V 1.3V 1.5V 1.8V 1.85V 1.9V Part Number BU10 BU11 BU12 BU1C BU13 BU15 BU18 BU1J BU19 F6 F7 F8 F9 G0 G1 G2 G3 G4 2.0V 2.1V 2.5V 2.6V 2.7V 2.8V 2.85V 2.9V 3.0V BU20 BU21 BU25 BU26 BU27 BU28 BU2J BU29 BU30 G5 G6 G7 G8 3.1V 3.2V 3.3V 3.4V BU31 BU32 BU33 BU34 |
Similar Part No. - BU21TD3WG-XTR |
|
Similar Description - BU21TD3WG-XTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |