Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4300H3BJR-S Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TISP4300H3BJR-S
Description  TISP4xxxH3BJ Overvoltage Protector Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4300H3BJR-S Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TISP4300H3BJR-S Datasheet HTML 1Page - Bourns Electronic Solutions TISP4300H3BJR-S Datasheet HTML 2Page - Bourns Electronic Solutions TISP4300H3BJR-S Datasheet HTML 3Page - Bourns Electronic Solutions TISP4300H3BJR-S Datasheet HTML 4Page - Bourns Electronic Solutions TISP4300H3BJR-S Datasheet HTML 5Page - Bourns Electronic Solutions TISP4300H3BJR-S Datasheet HTML 6Page - Bourns Electronic Solutions TISP4300H3BJR-S Datasheet HTML 7Page - Bourns Electronic Solutions TISP4300H3BJR-S Datasheet HTML 8Page - Bourns Electronic Solutions TISP4300H3BJR-S Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NOVEMBER 1997 - REVISED JANUARY 2007
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
T
R
SD4XAA
Terminals T and R correspond to the
alternative line designators of A and B
Device Symbol
Device
VDRM
V
V(BO)
V
‘4070
58
70
‘4080
65
80
‘4095
75
95
‘4115
90
115
‘4125
100
125
‘4145
120
145
‘4165
135
165
‘4180
145
180
‘4200
155
200
‘4220
160
220
‘4240
180
240
‘4250
190
250
‘4265
200
265
‘4290
220
290
‘4300
230
300
‘4350
275
350
‘4395
320
395
‘4400
300
400
Low Differential Capacitance ...................................67 pF max.
12
T(A)
R(B)
MDXXBG
How To Order
SMBJ Package (Top View)
Description
ITU-T K.20/21 Rating . . . . . . . . . . . . . 8 kV 10/700, 200 A 5/310
Ion-Implanted Breakdown Region
Precise and Stable Voltage
Low Voltage Overshoot under Surge
Rated for International Surge Wave Shapes
TISP4xxxH3BJ Overvoltage Protector Series
Waveshape
Standard
ITSP
A
2/10 µs
GR-1089-CORE
500
8/20 µs
IEC 61000-4-5
300
10/160 µs
FCC Part 68
250
10/700 µs
ITU-T K.20/21
200
10/560 µs
FCC Part 68
160
10/1000 µs
GR-1089-CORE
100
These devices are designed to limit overvoltages on the telephone line. Overvoltages are normally caused by a.c. power system or lightning
flash disturbances which are induced or conducted on to the telephone line. A single device provides 2-point protection and is typically used
for the protection of 2-wire telecommunication equipment (e.g. between the Ring and Tip wires for telephones and modems). Combinations of
devices can be used for multi-point protection (e.g. 3-point protection between Ring, Tip and Ground).
The protector consists of a symmetrical voltage-triggered bidirectional thyristor. Overvoltages are initially clipped by breakdown clamping until
the voltage rises to the breakover level, which causes the device to crowbar into a low-voltage on state. This low-voltage on state causes the
current resulting from the overvoltage to be safely diverted through the device. The high crowbar holding current helps prevent d.c. latchup as
the diverted current subsides.
This TISP4xxxH3BJ range consists of eighteen voltage variants to meet various maximum system voltage levels (58 V to 320 V). They are
guaranteed to voltage limit and withstand the listed international lightning surges in both polarities. These high (H) current protection devices
are in a plastic package SMBJ (JEDEC DO-214AA with J-bend leads) and supplied in embossed carrier reel pack. For alternative voltage and
holding current values, consult the factory. For lower rated impulse currents in the SMB package, the 50 A 10/1000 TISP4xxxM3BJ series is
available.
............................................... UL Recognized Component
Device
Package
Carrier
Order As
TISP4xxxH3BJ
BJ (J-Bend DO-214AA/SMB)
Embossed Tape Reeled
Bulk Pack
Insert xxx value corresponding to protection voltages of 070, 080, 095, 115 etc.
TISP4xxxH3BJR-S
TISP4xxxH3BJ-S


Similar Part No. - TISP4300H3BJR-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4300H3BJ BOURNS-TISP4300H3BJ Datasheet
392Kb / 13P
   Overvoltage Protector Series BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4300H3BJR-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4350H3BJR BOURNS-TISP4350H3BJR Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
TISP3XXXH3SL BOURNS-TISP3XXXH3SL Datasheet
353Kb / 12P
   Overvoltage Protector Series
TISP4P0XXL1N BOURNS-TISP4P0XXL1N Datasheet
397Kb / 5P
   Overvoltage Protector Series
TISP1XXXH3BJ BOURNS-TISP1XXXH3BJ Datasheet
205Kb / 7P
   Overvoltage Protector Series
TISP3XXXT3BJ BOURNS-TISP3XXXT3BJ Datasheet
363Kb / 11P
   Overvoltage Protector Series
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP4350H3LMR BOURNS-TISP4350H3LMR Datasheet
518Kb / 13P
   TISP4xxxH3LM Overvoltage Protector Series
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com