Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6618TR1PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF6618TR1PBF
Description  Lead-Free (Qualified up to 260째C Reflow)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6618TR1PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF6618TR1PBF Datasheet HTML 1Page - International Rectifier IRF6618TR1PBF Datasheet HTML 2Page - International Rectifier IRF6618TR1PBF Datasheet HTML 3Page - International Rectifier IRF6618TR1PBF Datasheet HTML 4Page - International Rectifier IRF6618TR1PBF Datasheet HTML 5Page - International Rectifier IRF6618TR1PBF Datasheet HTML 6Page - International Rectifier IRF6618TR1PBF Datasheet HTML 7Page - International Rectifier IRF6618TR1PBF Datasheet HTML 8Page - International Rectifier IRF6618TR1PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
08/17/07
IRF6618PbF
IRF6618TRPbF
Applicable DirectFET Package/Layout Pad (see p.7, 8 for details)
SQ
SX
ST
MQ
MX
MT
Fig 1.
Typical On-Resistance vs. Gate-to-Source Voltage
Fig 2. Total Gate Charge vs. Gate-to-Source Voltage
Notes:
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
† Starting TJ = 25°C, L = 0.75mH, RG = 25Ω, IAS = 24A.
VDSS
VGS
RDS(on)
RDS(on)
30V max ±20V max 2.2m
Ω@ 10V 3.4mΩ@ 4.5V
DirectFET
™ISOMETRIC
MT
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V e
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
e
A
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V f
IDM
Pulsed Drain Current
g
EAS
Single Pulse Avalanche Energy
h
mJ
IAR
Avalanche Current
Ãg
A
210
24
Max.
30
24
240
±20
30
170
DirectFET
™ Power MOSFET ‚
l RoHs Compliant

l Lead-Free (Qualified up to 260°C Reflow)
l Application Specific MOSFETs
l Ideal for CPU Core DC-DC Converters
l Low Conduction Losses
l High Cdv/dt Immunity
l Low Profile (<0.7mm)
l Dual Sided Cooling Compatible

l Compatible with existing Surface Mount Techniques

Description
The IRF6618PbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to achieve
the lowest on-state resistance in a package that has the footprint of a SO-8 and only 0.7 mm profile. The DirectFET package is compatible
with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection soldering
techniques. Application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET package allows
dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%.
The IRF6618PbF balances industry leading on-state resistance while minimizing gate charge along with ultra low package inductance to
reduce both conduction and switching losses. The reduced losses make this product ideal for high frequency/high efficiency DC-DC
converters that power high current loads such as the latest generation of microprocessors. The IRF6618PbF has been optimized for
parameters that are critical in synchronous buck converter’s SyncFET sockets.
Qg tot
Qgd
Qgs2
Qrr
Qoss Vgs(th)
43nC
15nC
4.0nC
46nC
28nC
1.64V
0
102030405060
QG Total Gate Charge (nC)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VDS= 24V
VDS= 15V
ID= 24A
2
3
4
5
6
7
8
9
10
VGS, Gate -to -Source Voltage (V)
0
1
2
3
4
5
6
ID = 30A
TJ = 25°C
TJ = 125°C
PD - 97240A


Similar Part No. - IRF6618TR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6618TR1 IRF-IRF6618TR1 Datasheet
230Kb / 10P
   Power MOSFET
IRF6618TR1 IRF-IRF6618TR1 Datasheet
234Kb / 9P
   HEXFET Power MOSFET
IRF6618TR1 IRF-IRF6618TR1 Datasheet
180Kb / 8P
   HEXFETPower MOSFET
IRF6618TR1 IRF-IRF6618TR1 Datasheet
170Kb / 8P
   HEXFET Power MOSFET
More results

Similar Description - IRF6618TR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6617PBF IRF-IRF6617PBF Datasheet
244Kb / 9P
   Lead-Free (Qualified up to 260째C Reflow)
IRF6631TR1PBF IRF-IRF6631TR1PBF Datasheet
253Kb / 10P
   Lead-Free (Qualified up to 260째C Reflow)
logo
P-tec Corporation
PLC3528-WCR08 P-TEC-PLC3528-WCR08 Datasheet
4Mb / 14P
   Compatible lead-free reflow solderingprocess
PLC3020A-YDNW3 P-TEC-PLC3020A-YDNW3 Datasheet
2Mb / 16P
   Compatible lead-free reflow solderingprocess
PLC3020A-YDPW1 P-TEC-PLC3020A-YDPW1 Datasheet
2Mb / 17P
   Compatible lead-free reflow solderingprocess
PLC3020A-YDWW1 P-TEC-PLC3020A-YDWW1 Datasheet
1Mb / 17P
   Compatible lead-free reflow solderingprocess
PLC3020A-YDWW2 P-TEC-PLC3020A-YDWW2 Datasheet
2Mb / 17P
   Compatible lead-free reflow solderingprocess
PLC3020B-YDPW2 P-TEC-PLC3020B-YDPW2 Datasheet
2Mb / 15P
   Compatible lead-free reflow solderingprocess
PLC3528B-WDY05 P-TEC-PLC3528B-WDY05 Datasheet
780Kb / 15P
   Compatible lead-free reflow solderingprocess
logo
Panasonic Semiconductor
EEEFP0J220AR PANASONIC-EEEFP0J220AR_V01 Datasheet
2Mb / 11P
   High temperature Lead-Free reflow
06-Dec-19
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com