Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR5410TRPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRFR5410TRPBF
Description  Ultra Low On-Resistance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR5410TRPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRFR5410TRPBF Datasheet HTML 3Page - International Rectifier IRFR5410TRPBF Datasheet HTML 4Page - International Rectifier IRFR5410TRPBF Datasheet HTML 5Page - International Rectifier IRFR5410TRPBF Datasheet HTML 6Page - International Rectifier IRFR5410TRPBF Datasheet HTML 7Page - International Rectifier IRFR5410TRPBF Datasheet HTML 8Page - International Rectifier IRFR5410TRPBF Datasheet HTML 9Page - International Rectifier IRFR5410TRPBF Datasheet HTML 10Page - International Rectifier IRFR5410TRPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IRFR/U5410PbF
8
www.irf.com
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
12
IN THE ASSEMBLY LINE "A"
ASSEMBLED ON WW 16, 1999
EXAMPLE:
WITH ASSEMBLY
THIS IS AN IRFR120
LOT CODE 1234
YEAR 9 = 1999
DATE CODE
WEEK 16
PART NUMBER
LOGO
INTERNATIONAL
RECTIFIER
ASSEMBLY
LOT CODE
916A
IRFU120
34
YEAR 9 = 1999
DATE CODE
OR
P = DESIGNATES LEAD-FREE
PRODUCT (OPTIONAL)
Note: "P" in assembly line position
indicates "Lead-Free"
12
34
WEEK 16
A= ASSEMBLY SITE CODE
PART NUMBER
IRFU120
LINE A
LOGO
LOT CODE
ASSEMBLY
INTERNATIONAL
RECTIFIER


Similar Part No. - IRFR5410TRPBF

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
IRFR5410TRPBF VBSEMI-IRFR5410TRPBF Datasheet
2Mb / 9P
   P-Channel 100 V (D-S) MOSFET
More results

Similar Description - IRFR5410TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com