Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFSL4229PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFSL4229PBF
Description  High Repetitive Peak Current Capability for Reliable Operation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFSL4229PBF Datasheet(HTML) 3 Page - International Rectifier

  IRFSL4229PBF Datasheet HTML 1Page - International Rectifier IRFSL4229PBF Datasheet HTML 2Page - International Rectifier IRFSL4229PBF Datasheet HTML 3Page - International Rectifier IRFSL4229PBF Datasheet HTML 4Page - International Rectifier IRFSL4229PBF Datasheet HTML 5Page - International Rectifier IRFSL4229PBF Datasheet HTML 6Page - International Rectifier IRFSL4229PBF Datasheet HTML 7Page - International Rectifier IRFSL4229PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRFSL4229PbF
www.irf.com
3
Fig 6. Typical EPULSE vs. Drain Current
Fig 5. Typical EPULSE vs. Drain-to-Source Voltage
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
≤ 60µs PULSE WIDTH
Tj = 25°C
5.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.5V
6.0V
BOTTOM
5.5V
4.0
5.0
6.0
7.0
8.0
VGS, Gate-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
VDS = 25V
≤ 60µs PULSE WIDTH
TJ = 25°C
TJ = 175°C
-60 -40 -20 0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
ID = 26A
VGS = 10V
150
160
170
180
190
200
VDS, Drain-to -Source Voltage (V)
0
400
800
1200
1600
L = 220nH
C = 0.3µF
100°C
25°C
100
110
120
130
140
150
160
170
ID, Peak Drain Current (A)
0
200
400
600
800
1000
1200
1400
L = 220nH
C = Variable
100°C
25°C
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
≤ 60µs PULSE WIDTH
Tj = 175°C
5.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.5V
6.0V
BOTTOM
5.5V


Similar Part No. - IRFSL4229PBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFSL4227 ISC-IRFSL4227 Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFSL4227PBF IRF-IRFSL4227PBF Datasheet
363Kb / 10P
   Advanced Process Technology
IRFSL4228PBF IRF-IRFSL4228PBF Datasheet
376Kb / 10P
   Advanced Process Technology
IRFSL4228PBF IRF-IRFSL4228PBF Datasheet
376Kb / 10P
   Advanced Process Technology
More results

Similar Description - IRFSL4229PBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA80R460CE INFINEON-IPA80R460CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
logo
Advanced Power Electron...
AP28G40GEM-HF A-POWER-AP28G40GEM-HF_16 Datasheet
69Kb / 4P
   High Peak Current Capability
logo
Infineon Technologies A...
IPA80R1K4CE INFINEON-IPA80R1K4CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
logo
Advanced Power Electron...
AP28G40GEH A-POWER-AP28G40GEH Datasheet
140Kb / 5P
   High Peak Current Capability
logo
Infineon Technologies A...
IPA80R310CE INFINEON-IPA80R310CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
logo
Vishay Siliconix
SIHG20N50C VISHAY-SIHG20N50C Datasheet
189Kb / 8P
   High Peak Current Capability
Rev. C, 14-Mar-11
logo
Advanced Power Electron...
AP28G40GEM-HF A-POWER-AP28G40GEM-HF_14 Datasheet
52Kb / 3P
   High Peak Current Capability
logo
Infineon Technologies A...
IPA80R1K0CE INFINEON-IPA80R1K0CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
IPA80R650CE INFINEON-IPA80R650CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
IPI60R099CP INFINEON-IPI60R099CP_15 Datasheet
551Kb / 10P
   High peak current capability
2014-05-28 revision:2.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com