Electronic Components Datasheet Search |
|
BA2904F Datasheet(PDF) 8 Page - Rohm |
|
BA2904F Datasheet(HTML) 8 Page - Rohm |
8 / 26 page Technical Note BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM 8/25 www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. -8 -6 -4 -2 0 2 4 6 8 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [ ℃] 3V 32V 5V BA10358 family 0 10 20 30 40 50 0 5 10 15 20 25 30 35 SUPPLY VOLTAGE [V] 85℃ -40℃ 25℃ BA10358 family 0 10 20 30 40 50 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [ ℃] 3V 5V 32V BA10358 family Fig. 13 Fig. 14 Fig. 15 Input Offset Current - Supply Voltage (Vicm=0[V],VOUT=1.4[V]) Input Offset Voltage - Ambient Temperature (Vicm=0[V], VOUT=1.4[V]) Input Bias Current - Supply Voltage (Vicm=0[V], VOUT=1.4[V]) Input Bias Current - Ambient Temperature (Vicm=0[V],VOUT=1.4[V]) Input Bias Current - Ambient Temperature (VCC=30[V],Vicm=28[V],VOUT=1.4[V]) Input Offset Voltage - Common Mode Input Voltage (VCC=5[V]) Input Offset Current - Ambient Temperature (Vicm=0[V],VOUT=1.4[V]) Large Signal Voltage Gain - Supply Voltage (RL=2[k Ω]) Large Signal Voltage Gain - Ambient Temperature (RL=2[k Ω]) Common Mode Rejection Ratio - Supply Voltage Common Mode Rejection Ratio - Ambient Temperature Power Supply Rejection Ratio - Ambient Temperature 40 60 80 100 120 140 0 5 10 15 20 25 30 35 SUPPLY VOLTAGE [V] 40 60 80 100 120 140 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [ ℃] 60 70 80 90 100 110 120 130 140 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [ ℃] -40℃ 85℃ 25℃ BA10358 family 5V 3V 32V BA10358 family BA10358 family Fig. 16 Fig. 17 Fig. 18 Fig. 19 Fig. 20 Fig. 21 Fig. 22 Fig. 23 Fig. 24 -8 -6 -4 -2 0 2 4 6 8 -1 012 345 COMMON MODE INPUT VOLTAGE [V] -10 -5 0 5 10 0 5 10 15 20 25 30 35 SUPPLY VOLTAGE [V] -40℃ 25℃ 85℃ 0 10 20 30 40 50 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] BA10358 family -40℃ 25℃ 85℃ BA10358 family BA10358 family ○BA10358 family -10 -5 0 5 10 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] 3V 32V 5V BA10358 family 60 70 80 90 100 110 120 130 140 2 4 6 8 10 12 14 16 18 SUPPLY VOLTAGE[V] -40℃ 85℃ 25℃ BA10358 family 60 70 80 90 100 110 120 130 140 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [ ℃] 15V 5V BA10358 family |
Similar Part No. - BA2904F |
|
Similar Description - BA2904F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |