Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK7002B Datasheet(PDF) 2 Page - Rohm

Part # RK7002B
Description  2.5V Drive Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RK7002B Datasheet(HTML) 2 Page - Rohm

  RK7002B Datasheet HTML 1Page - Rohm RK7002B Datasheet HTML 2Page - Rohm RK7002B Datasheet HTML 3Page - Rohm RK7002B Datasheet HTML 4Page - Rohm RK7002B Datasheet HTML 5Page - Rohm RK7002B Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/5
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.06 - Rev.B
Data Sheet
RK7002B
Electrical characteristics (Ta = 25
C)
Symbol
Min.
Typ.
Max.
Unit
Gate-source leakage
IGSS
--
10
AV
GS=20V, VDS=0V
Drain-source breakdown voltage V(BR)DSS
60
-
-
V
ID=1mA, VGS=0V
Zero gate voltage drain current
IDSS
--
1
AV
DS=60V, VGS=0V
Gate threshold voltage
VGS (th)
1.0
-
2.3
V
VDS=10V, ID=1mA
-1.7
2.4
ID=250mA, VGS=10V
-2.1
3.0
ID=250mA, VGS=4.5V
-2.3
3.2
ID=250mA, VGS=4.0V
-
3.0
12.0
ID=10mA, VGS=2.5V
Forward transfer admittance
l Yfs l
0.25
-
-
S
ID=250mA, VDS=10V
Input capacitance
Ciss
-15
-
pF
VDS=25V
Output capacitance
Coss
-4.5
-
pF
VGS=0V
Reverse transfer capacitance
Crss
2
-
pF
f=1MHz
Turn-on delay time
td(on)
-3.5
-
ns
ID=100mA, VDD 30V
Rise time
tr
-5
-
ns
VGS=10V
Turn-off delay time
td(off)
-18
-
ns
RL 300
Fall time
tf
-28
-
ns
RG=10
*Pulsed
Conditions
Parameter
Static drain-source on-state
resistance
RDS (on)
*
*
*
*
*
*
*
*
*
*
*
*
*
*
Body diode characteristics (Source-Drain) (Ta = 25
C)
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
VSD
--
1.2
V
Is=250mA, VGS=0V
*Pulsed
Conditions
Parameter
*


Similar Part No. - RK7002B

ManufacturerPart #DatasheetDescription
logo
Rohm
RK7002B ROHM-RK7002B Datasheet
239Kb / 6P
   2.5V Drive Nch MOSFET
RK7002BM ROHM-RK7002BM Datasheet
302Kb / 6P
   2.5V Drive Nch MOSFET
logo
TECH PUBLIC Electronics...
RK7002BM TECHPUBLIC-RK7002BM Datasheet
1,022Kb / 3P
   60V N-Channel Mosfet
logo
Rohm
RK7002BMHZG ROHM-RK7002BMHZG Datasheet
2Mb / 14P
   Nch 60V 250mA Small Signal MOSFET
More results

Similar Description - RK7002B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UM6K31N TI-UM6K31N Datasheet
205Kb / 6P
[Old version datasheet]   2.5V Drive Nch Nch MOSFET
logo
Rohm
EM6K31_1009 ROHM-EM6K31_1009 Datasheet
195Kb / 6P
   2.5V Drive Nch Nch MOSFET
US6K1 ROHM-US6K1_09 Datasheet
193Kb / 4P
   2.5V Drive NchNch MOSFET
EM6K31 ROHM-EM6K31 Datasheet
191Kb / 6P
   2.5V Drive Nch Nch MOSFET
QS5K2_0610 ROHM-QS5K2_0610 Datasheet
67Kb / 4P
   2.5V Drive NchNch MOSFET
US6K1TR ROHM-US6K1TR Datasheet
129Kb / 4P
   2.5V Drive NchNch MOSFET
EM6K31T2R ROHM-EM6K31T2R Datasheet
152Kb / 6P
   2.5V Drive Nch Nch MOSFET
UM6K31N ROHM-UM6K31N Datasheet
205Kb / 6P
   2.5V Drive Nch Nch MOSFET
QS5K2TR ROHM-QS5K2TR Datasheet
61Kb / 4P
   2.5V Drive Nch Nch MOSFET
RTR030N05 ROHM-RTR030N05 Datasheet
222Kb / 5P
   2.5V Drive Nch MOSFET
RTL035N03 ROHM-RTL035N03 Datasheet
66Kb / 3P
   2.5V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com