Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358DR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # LM358DR2G
Description  Single Supply Dual Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM358DR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LM358DR2G Datasheet HTML 5Page - ON Semiconductor LM358DR2G Datasheet HTML 6Page - ON Semiconductor LM358DR2G Datasheet HTML 7Page - ON Semiconductor LM358DR2G Datasheet HTML 8Page - ON Semiconductor LM358DR2G Datasheet HTML 9Page - ON Semiconductor LM358DR2G Datasheet HTML 10Page - ON Semiconductor LM358DR2G Datasheet HTML 11Page - ON Semiconductor LM358DR2G Datasheet HTML 12Page - ON Semiconductor LM358DR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LM258, LM358, LM358A, LM2904, LM2904A, LM2904V, NCV2904, NCV2904V
http://onsemi.com
9
2
1
Vref =VCC
1
2
Figure 15. Function Generator
Figure 16. Multiple Feedback Bandpass Filter
For less than 10% error from operational amplifier.
If source impedance varies, filter may be preceded with voltage
follower buffer to stabilize filter parameters.
Where fo and BW are expressed in Hz.
Qo fo
BW
< 0.1
Given:
fo = center frequency
A(fo) = gain at center frequency
Choose value fo, C
Then:
R3 =
Q
p fo C
R3
R1 =
2 A(fo)
R1 R3
4Q2 R1 -R3
R2 =
+
-
+
-
-
+
Vref =VCC
Vref
f =
R1 + RC
4 CRf R1
R3 =
R2 R1
R2 + R1
R2
300 k
75 k
R3
R1
C
Triangle Wave
Output
Square
Wave
Output
VCC
R3
R1
R2
Vref
Vin
C
C
VO
CO
CO = 10 C
Rf
if,
1/2
LM358
Vref
1/2
LM358
1/2
LM358
100 k


Similar Part No. - LM358DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM358DR2G ONSEMI-LM358DR2G Datasheet
137Kb / 14P
   Single Supply Dual Operational Amplifiers
July, 2004 ??Rev. 18
LM358DR2G ONSEMI-LM358DR2G Datasheet
142Kb / 14P
   Single Supply Dual Operational Amplifiers
October, 2016 ??Rev. 32
LM358DR2G ONSEMI-LM358DR2G Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
More results

Similar Description - LM358DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
KM358 KEXIN-KM358 Datasheet
398Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
Guangdong Kexin Industr...
LM358 KEXIN-LM358 Datasheet
882Kb / 3P
   Single Supply Dual Operational Amplifiers
logo
Shenzhen Luguang Electr...
LM358 LUGUANG-LM358 Datasheet
167Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
LM258 KEXIN-LM258 Datasheet
73Kb / 2P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com