Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z3V6T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MM5Z3V6T1G
Description  Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM5Z3V6T1G Datasheet(HTML) 3 Page - ON Semiconductor

  MM5Z3V6T1G Datasheet HTML 1Page - ON Semiconductor MM5Z3V6T1G Datasheet HTML 2Page - ON Semiconductor MM5Z3V6T1G Datasheet HTML 3Page - ON Semiconductor MM5Z3V6T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MM5ZxxxT1G Series, SZMM5ZxxxT1G Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA for all types)
Device*
Device
Marking
Zener Voltage (Note 1)
Zener Impedance
Leakage Current
QVZ
(mV/k) @ IZT
C
@ VR = 0
f = 1 MHz
VZ (Volts)
@ IZT
ZZT
@ IZT
ZZK @ IZK
IR @ VR
Min
Nom
Max
mA
W
W
mA
mA
Volts
Min
Max
pF
MM5Z2V4T1G
00
2.2
2.4
2.6
5
100
1000
1.0
50
1.0
−3.5
0
450
MM5Z2V7T1G
01
2.5
2.7
2.9
5
100
1000
1.0
20
1.0
−3.5
0
450
MM5Z3V0T1G
02
2.8
3.0
3.2
5
100
1000
1.0
10
1.0
−3.5
0
450
MM5Z3V3T1G
05
3.1
3.3
3.5
5
95
1000
1.0
5
1.0
−3.5
0
450
MM5Z3V6T1G
06
3.4
3.6
3.8
5
90
1000
1.0
5
1.0
−3.5
0
450
MM5Z4V3T1G
08
4.0
4.3
4.6
5
90
1000
1.0
3
1.0
−3.5
0
450
MM5Z4V7T1G
09
4.4
4.7
5.0
5
80
800
1.0
3
2.0
−3.5
0.2
260
MM5Z5V1T1G
0A
4.8
5.1
5.4
5
60
500
1.0
2
2.0
−2.7
1.2
225
MM5Z5V6T1G
0C
5.2
5.6
6.0
5
40
200
1.0
1
2.0
−2.0
2.5
200
MM5Z6V2T1G
0E
5.8
6.2
6.6
5
10
100
1.0
3
4.0
0.4
3.7
185
MM5Z6V8T1G
0F
6.4
6.8
7.2
5
15
160
1.0
2
4.0
1.2
4.5
155
MM5Z7V5T1G
0G
7.0
7.5
7.9
5
15
160
1.0
1
5.0
2.5
5.3
140
MM5Z8V2T1G
0H
7.7
8.2
8.7
5
15
160
1.0
0.7
5.0
3.2
6.2
135
MM5Z9V1T1G
0K
8.5
9.1
9.6
5
15
160
1.0
0.2
7.0
3.8
7.0
130
MM5Z10VT1G
0L
9.4
10
10.6
5
20
160
1.0
0.1
8.0
4.5
8.0
130
MM5Z11VT1G
0M
10.4
11
11.6
5
20
160
1.0
0.1
8.0
5.4
9.0
130
MM5Z12VT1G
0N
11.4
12
12.7
5
25
80
1.0
0.1
8.0
6.0
10
130
MM5Z13VT1G
0P
12.4
13.25
14.1
5
30
80
1.0
0.1
8.0
7.0
11
120
MM5Z15VT1G
0T
14.3
15
15.8
5
30
80
1.0
0.05
10.5
9.2
13
110
MM5Z16VT1G
0U
15.3
16.2
17.1
5
40
80
1.0
0.05
11.2
10.4
14
105
MM5Z18VT1G
0W
16.8
18
19.1
5
45
80
1.0
0.05
12.6
12.4
16
100
MM5Z20VT1G
0Z
18.8
20
21.2
5
55
100
1.0
0.05
14.0
14.4
18
85
MM5Z22VT1G
10
20.8
22
23.3
5
55
100
1.0
0.05
15.4
16.4
20
85
MM5Z24VT1G
11
22.8
24.2
25.6
5
70
120
1.0
0.05
16.8
18.4
22
80
MM5Z27VT1G
12
25.1
27
28.9
2
80
300
1.0
0.05
18.9
21.4
25.3
70
MM5Z30VT1G
14
28
30
32
2
80
300
1.0
0.05
21.0
24.4
29.4
70
MM5Z33VT1G
18
31
33
35
2
80
300
1.0
0.05
23.2
27.4
33.4
70
MM5Z36VT1G
19
34
36
38
2
90
500
1.0
0.05
25.2
30.4
37.4
70
MM5Z39VT1G
20
37
39
41
2
130
500
1.0
0.05
27.3
33.4
41.2
45
MM5Z43VT1G
21
40
43
46
2
150
500
1.0
0.05
30.1
37.6
46.6
40
MM5Z47VT1G
1A
44
47
50
2
170
500
1.0
0.05
32.9
42.0
51.8
40
MM5Z51VT1G
1C
48
51
54
2
180
500
1.0
0.05
35.7
46.6
57.2
40
MM5Z56VT1G
1D
52
56
60
2
200
500
1.0
0.05
39.2
52.2
63.8
40
MM5Z62VT1G
1E
58
62
66
2
215
500
1.0
0.05
43.4
58.8
71.6
35
MM5Z68VT1G
1F
64
68
72
2
240
500
1.0
0.05
47.6
65.6
79.8
35
MM5Z75VT1G
1G
70
75
79
2
255
500
1.0
0.05
52.5
73.4
88.6
35
1. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25°C.
*Include SZ-prefix devices where applicable.


Similar Part No. - MM5Z3V6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM5Z3V6T1G ONSEMI-MM5Z3V6T1G Datasheet
102Kb / 4P
   Zener Voltage Regulators
April, 2013 ??Rev. 10
MM5Z3V6T1G ONSEMI-MM5Z3V6T1G Datasheet
102Kb / 4P
   Zener Voltage Regulators
April, 2013 ??Rev. 10
MM5Z3V6T1G ONSEMI-MM5Z3V6T1G Datasheet
102Kb / 4P
   Zener Voltage Regulators
April, 2013 ??Rev. 10
MM5Z3V6T1G ONSEMI-MM5Z3V6T1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MM5Z3V6T1G ONSEMI-MM5Z3V6T1G Datasheet
61Kb / 4P
   Zener Voltage Regulators
November, 2016??Rev. 14
More results

Similar Description - MM5Z3V6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com