Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD7000LT3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBD7000LT3G
Description  Dual Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD7000LT3G Datasheet(HTML) 2 Page - ON Semiconductor

  MMBD7000LT3G Datasheet HTML 1Page - ON Semiconductor MMBD7000LT3G Datasheet HTML 2Page - ON Semiconductor MMBD7000LT3G Datasheet HTML 3Page - ON Semiconductor MMBD7000LT3G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBD7000LT1G, SMMBD7000LT1G, MMBD7000LT3G, SMMBD7000LT3G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage
(I(BR) = 100 mAdc)
V(BR)
100
Vdc
Reverse Voltage Leakage Current
(VR = 50 Vdc)
(VR = 100 Vdc)
(VR = 50 Vdc, 125C)
IR
IR2
IR3
1.0
3.0
100
mAdc
Forward Voltage
(IF = 1.0 mAdc)
(IF = 10 mAdc)
(IF = 100 mAdc)
VF
0.55
0.67
0.75
0.7
0.82
1.1
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc) (Figure 1)
trr
4.0
ns
Capacitance (VR = 0 V)
C
1.5
pF
Notes: 1. A 2.0 kW variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2.0 k
820
W
0.1
mF
DUT
VR
100
mH
0.1
mF
50
W OUTPUT
PULSE
GENERATOR
50
W INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1.0 mA
OUTPUT PULSE
(IF = IR = 10 mA; MEASURED
at iR(REC) = 1.0 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit


Similar Part No. - MMBD7000LT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD7000LT3G ONSEMI-MMBD7000LT3G Datasheet
49Kb / 4P
   Dual Switching Diode
April, 2005 ??Rev. 3
MMBD7000LT3G ONSEMI-MMBD7000LT3G Datasheet
126Kb / 4P
   Dual Switching Diode These Devices are Pb?묯ree, Halogen Free/BFR Free and are RoHS
August, 2009 ??Rev. 5
MMBD7000LT3G ONSEMI-MMBD7000LT3G Datasheet
90Kb / 4P
   Dual Switching Diode
October, 2016 ??Rev. 7
More results

Similar Description - MMBD7000LT3G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
logo
ON Semiconductor
MMBD7000LT1 ONSEMI-MMBD7000LT1 Datasheet
77Kb / 4P
   Dual Switching Diode
November, 2001 ??Rev. 2
logo
Motorola, Inc
MMBD7000LT1 MOTOROLA-MMBD7000LT1 Datasheet
77Kb / 4P
   Dual Switching Diode
logo
ON Semiconductor
BAW56TT1G ONSEMI-BAW56TT1G_16 Datasheet
65Kb / 4P
   Dual Switching Diode
April, 2016 ??Rev. 5
logo
CHENG-YI ELECTRONIC CO....
BAV99 CHENG-YI-BAV99 Datasheet
86Kb / 3P
   DUAL SWITCHING DIODE
logo
Leshan Radio Company
LMBD7000WT1G LRC-LMBD7000WT1G Datasheet
118Kb / 3P
   Dual Switching Diode
logo
Central Semiconductor C...
CPD30V CENTRAL-CPD30V Datasheet
479Kb / 2P
   Dual Switching Diode
logo
Shanghai Leiditech Elec...
LMBD7000LT1G LEIDITECH-LMBD7000LT1G Datasheet
681Kb / 4P
   Dual Switching Diode
logo
ON Semiconductor
BAV70TT1 ONSEMI-BAV70TT1 Datasheet
59Kb / 6P
   Dual Switching Diode
December, 2003 ??Rev. 2
logo
Zowie Technology Corpor...
MMBD7000 ZOWIE-MMBD7000 Datasheet
49Kb / 2P
   DUAL SWITCHING DIODE
logo
ON Semiconductor
BAV70TT1G ONSEMI-BAV70TT1G Datasheet
132Kb / 5P
   Dual Switching Diode
October, 2010 -- Rev. 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com