Electronic Components Datasheet Search |
|
NCP5501DT33RKG Datasheet(PDF) 4 Page - ON Semiconductor |
|
NCP5501DT33RKG Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 13 page NCP5500, NCV5500, NCP5501, NCV5501 http://onsemi.com 4 ELECTRICAL CHARACTERISTICS Vin = 2.5 V or Vout + 1.0 V (whichever is higher), Cin = 10 mF, Cout = 4.7 mF, for typical values TA = 25C, for min/max values TA = −40C to 85C (NCP Version), TA = −40C to 125C (NCV Version) unless otherwise noted (Note 13). Characteristic Symbol Test Conditions Min Typ Max Unit OUTPUT Output Voltage (Note 14) 5 V Regulator 3.3 V Regulator 1.5 V Regulator ADJ Regulator Vout TA = 25C, Iout = 50 mA VNOM2.9% V V V Output Voltage (Note 8) 5 V Regulator 3.3 V Regulator 1.5 V Regulator ADJ Regulator Vout 1.0 mA < Iout < 500 mA (−4.9%) 4.755 3.138 1.427 1.189 VNOM 5.0 3.3 1.5 1.25 (+4.9%) 5.245 3.462 1.574 1.311 V V V Line Regulation REGLINE Iout = 50 mA 2.5 V or (Vout + 1.0 V) < Vin < 16 V −1.0 0.1 1.0 % Load Regulation REGLOAD 1.0 mA < Iout < 500 mA −1.0 0.35 1.0 % Dropout Voltage (Note 9) 5.0 V Version 3.3 V Version 1.5 V Version (Note 10) Adjustable Version (Note 11) VDO Iout = 1.0 mA, DVout = −2% Iout = 500 mA, DVout = −2% Iout = 1.0 mA, DVout = −2% Iout = 500 mA, DVout = −2% Iout = 1.0 mA, DVout = −2% Iout = 500 mA, DVout = −2% Iout = 1.0 mA, DVout = −2% Iout = 500 mA, DVout = −2% − − − − − − − − 5 230 5 230 − − 5 230 90 700 90 700 1073 1073 90 700 mV Ground Current IGND Iout = 100 mA Iout = 500 mA 300 10 500 20 mA mA Disable Current in Shutdown (NCP5500, NCV5500) ISD Adjustable and 1.5 V versions All other versions 30 40 50 50 mA Current Limit Iout(LIM) Vout = 90% of Vout(nom) 500 700 900 mA Ripple Rejection Ratio (Notes 9 & 14) RR 120 Hz Iout = 100 mA, 1 kHz 10 kHz − − − 75 75 70 − − − dB Output Noise Voltage (Notes 12 & 14) Vn f = 10 Hz to 100 kHz, Vin = 2.5 V Vout = 1.25 V, Iout = 1.0 mA f = 10 Hz to 100 kHz, Vin = 2.5 V Vout = 1.25 V, Iout = 100 mA 18 35 mVrms ENABLE (NCP5500, NCV5500 Only) Enable Voltage VENoff VENon OFF (shutdown) State ON (enabled) State 2.0 0.4 V Enable Pin Bias Current IEN VEN = Vin, Iout = 1.0 mA − 1.0 mA ADJUST Adjust Pin Current (Note 14) IADJ VEN = Vin, VADJ = 1.25 V, Vout = 1.25 V − 60 nA THERMAL SHUTDOWN Thermal Shutdown Temperature (Note 14) TSD Iout = 100 mA 150 − 210 C 8. Deviation from nominal. For adjustable versions, Pin ADJ connected to Vout. 9. See Typical Characteristics section for additional information. 10.VDO is constrained by the minimum input voltage of 2.5 V. 11. Vout is set by external resistor divider to 5 V. 12.Vn for other fixed voltage versions, as well as adjustable versions set to other output voltages, can be calculated from the following formula: Vn = Vn(x) * Vout / 1.25, where Vn(x) is the typical value from the table above. 13.Performance guaranteed over specified operating conditions by design, guard banded test limits, and/or characterization, production tested at TJ = TA = 25C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible. 14.Values are based on design and/or characterization. |
Similar Part No. - NCP5501DT33RKG |
|
Similar Description - NCP5501DT33RKG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |